전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR028V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-TDR028V1
상세설명  RF power amplifier demonstration board based on the STAC2942B
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR028V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-TDR028V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR028V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
June 2010
Doc ID 17469 Rev 1
1/11
11
STEVAL-TDR028V1
RF power amplifier demonstration board based on the STAC2942B
Features
Excellent thermal stability
Frequency: 87.5 - 108 MHz
Supply voltage: 48 V
Output power: 370 W min.
Gain: 20 dB typ.
Efficiency: 77% typ.
Harmonics: - 30 dBc max.
Gain flatness: ± 0.7 dB max.
Description
The STEVAL-TDR028V1 is an RF broadband
power amplifier intended for FM broadcast radio
transmitters over the 87.5 to 108 MHz band, using
an STAC2942B gold metallized N-channel MOS
field-effect transistor.
The STEVAL-TDR028V1 is designed in
cooperation with InnovAction S.r.l in Italy.
Table 1.
Device summary
Order code
STEVAL-TDR028V1
STEVAL-TDR028V1
www.st.com


유사한 부품 번호 - STEVAL-TDR028V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
More results

유사한 설명 - STEVAL-TDR028V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
CCA040V1 STMICROELECTRONICS-CCA040V1 Datasheet
248Kb / 6P
   4X10 Watt dual/quad power amplifier demonstration board based on the STA540SAN
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
   Class G capless headphone amplifier demonstration board based on the TS4621E
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com