전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-TDR029V1 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STEVAL-TDR029V1
상세설명  RF power amplifier demonstration board based on the STAC2942B
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR029V1 데이터시트(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR029V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STEVAL-TDR029V1
Electrical data
Doc ID 17470 Rev 1
3/10
1
Electrical data
1.1
Maximum ratings
2
Electrical characteristics
TA = +25
oC, VDD = 48 V, Idq = 2 x 200 mA
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PIN
Input power
15
W
POUT
Output power
800
W
TSTG
Storage temperature range
-20 to +70
°C
TC
Operating base plate temperature
0 to +70
°C
IDD
Drain current
22
A
PDISS
Power dissipation
400
W
Table 3.
Electrical specification
Symbol
Test conditions
Min
Typ
Max
Unit
Frequency Frequency range
87.5
108
MHz
POUT
700
750
W
Gain
POUT = 700 W
20 ± 1
dB
ND
POUT = 700 W
77
%
H2
2nd harmonic @ POUT = 700 W
-40
dBc
H3
3rd harmonic @ POUT = 700 W
-45
dBc
FL
Gain flatness @ POUT = 700 W
± 0.5
dB


유사한 부품 번호 - STEVAL-TDR029V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
More results

유사한 설명 - STEVAL-TDR029V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-TDR028V1 STMICROELECTRONICS-STEVAL-TDR028V1 Datasheet
169Kb / 11P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
CCA040V1 STMICROELECTRONICS-CCA040V1 Datasheet
248Kb / 6P
   4X10 Watt dual/quad power amplifier demonstration board based on the STA540SAN
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
   Class G capless headphone amplifier demonstration board based on the TS4621E
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com