전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP1612PW05 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STP1612PW05
상세설명  16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1612PW05 데이터시트(HTML) 1 Page - STMicroelectronics

  STP1612PW05 Datasheet HTML 1Page - STMicroelectronics STP1612PW05 Datasheet HTML 2Page - STMicroelectronics STP1612PW05 Datasheet HTML 3Page - STMicroelectronics STP1612PW05 Datasheet HTML 4Page - STMicroelectronics STP1612PW05 Datasheet HTML 5Page - STMicroelectronics STP1612PW05 Datasheet HTML 6Page - STMicroelectronics STP1612PW05 Datasheet HTML 7Page - STMicroelectronics STP1612PW05 Datasheet HTML 8Page - STMicroelectronics STP1612PW05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2009
Doc ID 15819 Rev 4
1/35
35
STP1612PW05
16-channel LED driver with 16-bit PWM,
8-bit gain and full LED error detection
Features
16 constant current output channels
Supply voltage: 3.3 V or 5 V
Two PWM selectable counters 12/16-bit of
grayscale
Selectable enhanced PWM for ghost effect
reduction
Open and short LED detection
8-bit current gain control by means of 256
steps in two selectable ranges
Single resistor to set the current from 3 mA to
60 mA
Programmable progressive output delay
Thermal protection and thermal flag
UVLO
Schmitt trigger input
Selectable 16-bit or 256-bit serial data-in
format
Max clock frequency: 30 MHz
ESD protection 2.5 kV HBM, 200 V MM
Drop-in compatible with STP16CP\S\DP05
series
Available in high thermal efficiency TSSOP
exposed pad
Applications
Video display LED panels
RGB backlighting
Special lighting
Description
The STP1612PW05 is a 16-channel constant
current sink LED driver. The maximum output
current value for all the 16 channels is set by a
single resistor from 3 mA to 60 mA. The device
features 8-bit gain (256 steps) for global LED
brightness adjustment with two selectable ranges.
This function is accessible via a serial interface.
The device has an individual adjustable PWM
brightness control for each output channel. The
PWM counters are selectable via a serial
interface with 4096 or 65536 steps (12 or 16 bit).
The STP1612PW05 also provides enhanced
pulse-width modulation counting algorithms called
e-PWM to reduce flickering effects (ghost visual
effects) improving the overall image quality. The
device has a dual size 16-bit or 256-bit shift
register. All the control and the shift register read
back data are accessible via serial interface. The
STP1612PW05 has the capability to detect open
and short LED failure and overtemperature,
reporting the status through SPI line. The device
guarantees a 20 V output driving capability,
allowing the user to connect more LEDs in series.
SO-24
TSSOP24
TSSOP24
exposed pad
QFN-24
Table 1.
Device summary
Order code
Package
Packaging
STP1612PW05QTR
QFN-24
4000 parts per reel
STP1612PW05MTR
SO-24
1000 parts per reel
STP1612PW05TTR
TSSOP24
2500 parts per reel
STP1612PW05XTTR
TSSOP24 exposed pad
2500 parts per reel
www.st.com


유사한 부품 번호 - STP1612PW05

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP160N3LL STMICROELECTRONICS-STP160N3LL Datasheet
393Kb / 13P
   Very low on-resistance
June 2015 Rev 3
logo
SHENZHEN DOINGTER SEMIC...
STP160N3LL DOINGTER-STP160N3LL Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
   N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STP160N75F3 STMICROELECTRONICS-STP160N75F3 Datasheet
361Kb / 13P
   N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
STP160N75F3 STMICROELECTRONICS-STP160N75F3 Datasheet
390Kb / 16P
   N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
More results

유사한 설명 - STP1612PW05

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
   16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
November 2015 Rev 4
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
   16 channel LED driver with error detection current gain control
November 2015 Rev 6
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Texas Instruments
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
[Old version datasheet]   16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05 STMICROELECTRONICS-STP16DP05_08 Datasheet
671Kb / 29P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com