전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD4448 데이터시트(PDF) 2 Page - Micro Commercial Components

부품명 MMBD4448
상세설명  Surface Mount Switching Diode 350mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448 데이터시트(HTML) 2 Page - Micro Commercial Components

  MMBD4448_11 Datasheet HTML 1Page - Micro Commercial Components MMBD4448_11 Datasheet HTML 2Page - Micro Commercial Components MMBD4448_11 Datasheet HTML 3Page - Micro Commercial Components MMBD4448_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBD4448
Admissable Power Dissipation - MilliWatts
versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
70
140
210
Single Phase, Half Wave
60Hz Resistive or Inductive Load
MilliWatts
°C
150
280
350
420
Junction Capacitance - pF
versus
Reverse Voltage - Volts
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
MilliAmps
.4
.6
.8
1.0
1.2
1.4
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
.1
.2
.6
1
2
10
pF
Volts
6
4
.4
400
1000
TJ=25
°C
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
2 of 4


유사한 부품 번호 - MMBD4448_11

제조업체부품명데이터시트상세설명
logo
Chenmko Enterprise Co. ...
MMBD4448N1APT CHENMKO-MMBD4448N1APT Datasheet
133Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448N1CPT CHENMKO-MMBD4448N1CPT Datasheet
133Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448N1PT CHENMKO-MMBD4448N1PT Datasheet
131Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448N1SPT CHENMKO-MMBD4448N1SPT Datasheet
133Kb / 2P
   SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448_10 Datasheet
81Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. 16 - 2
More results

유사한 설명 - MMBD4448_11

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448_13 Datasheet
246Kb / 4P
   Switching Diode 350mW Surface Mount
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com