전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431AU 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 TL431AU
상세설명  Programmable Precision Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431AU 데이터시트(HTML) 3 Page - Micro Commercial Components

  TL431AU_11 Datasheet HTML 1Page - Micro Commercial Components TL431AU_11 Datasheet HTML 2Page - Micro Commercial Components TL431AU_11 Datasheet HTML 3Page - Micro Commercial Components TL431AU_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M C C
-55
f, FREQUENCY (MHz)
100
10
1.0
100 k
10 M
1.0 M
1.0 k
10 k
0.1
75
-25
0
25
50
100
125
TA, AMBIENT TEMPERATURE (_C)
0.200
0.220
0.240
0.300
0.320
0.260
0.280
IK
50
-
1.0 k
+
Output
Gnd
Output
Gnd
IK
50
-
1.0k
+
VKA = Vref
∆ IK = 1.0 mA to 100 mA
f
≤ 1.0 kHz
TA = 25_C
∆ IK = 1.0 mA to 100 mA
f, FREQUENCY (Hz)
40
10
10 k
1.0 k
100
0
20
100 k
60
f, FREQUENCY (MHz)
100 k
0
10 M
1.0 M
-10
10
20
30
60
50
40
1.0 k
10 k
VKA = Vref
IK = 10 mA
TA = 25°C
IK
Output
Input
80
230
Gnd
Output
IK
9.0
µF
8.25k
15k
IK = 10 mA
TA = 25_C
-55
0.01
100
10
1.0
0.1
TA, AMBIENT TEMPERATURE (5C)
75
-25
0
25
50
100
125
40
1.0 k
VKA, CATHODE VOLTAGE (V)
30
10
0
-32
-8.0
-16
20
0
-24
R2
Vref
R1
IK
Input
VKA
Input
Ioff
VKA = 36 V
Vref = 0 V
VKA
IK = 10 mA
TA = 25°C
Figure 8. Change in Reference Input
Voltage versus Cathode Voltage
Figure 9. Off–State Cathode Current
versus Ambient Temperature
Figure 10. Dynamic Impedance
versus Frequency
Figure 11. Dynamic Impedance
versus Ambient Temperature
Figure 12. Open–Loop Voltage Gain
versus Frequency
Figure 13. Spectral Noise Density
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4


유사한 부품 번호 - TL431AU_11

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
TL431AU MCC-TL431AU_13 Datasheet
212Kb / 4P
   Programmable Precision Regulator
More results

유사한 설명 - TL431AU_11

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
TL431BLP MCC-TL431BLP Datasheet
236Kb / 4P
   Programmable Precision Regulator
TL431AU MCC-TL431AU Datasheet
422Kb / 3P
   Programmable Precision Regulator
TL431BU MCC-TL431BU_13 Datasheet
188Kb / 4P
   Programmable Precision Regulator
TL431BLP MCC-TL431BLP_13 Datasheet
199Kb / 4P
   Programmable Precision Regulator
TL431K MCC-TL431K Datasheet
463Kb / 6P
   Programmable Precision Regulator
TL431ALP MCC-TL431ALP Datasheet
251Kb / 2P
   Programmable Precision Regulator
TL431AU MCC-TL431AU_13 Datasheet
212Kb / 4P
   Programmable Precision Regulator
TL431BU MCC-TL431BU Datasheet
242Kb / 4P
   Programmable Precision Regulator
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
National Semiconductor ...
LH0076 NSC-LH0076 Datasheet
156Kb / 5P
   NEGATIVE PRECISION PROGRAMMABLE REGULATOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com