전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744862120 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744862120
상세설명  CURRENT-COMPENSATED CHOKE WE-TFC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744862120 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744862120 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744862120 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bezeichnung :
description :
Gehäuse / case: UT
A
17,00 max
mm
B
11,00 max
mm
C
17,00 max
mm
D
8,00 ± 0,2
mm
E
7,00 ± 0,2
mm
F
4,00 max
mm
G
0,60 typ
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Nennspannung /
rated voltage
33%
20°C
2000V, 50Hz
MKe
Version 01
12.12.2010
Name
Änderung / modification
Datum / date
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
VAC
max.
Prüfspannung / insulation test voltage:
WAYNE KERR WK3260B/WK3265 für / for L0 und / and RDC
Klimabeständigkeit/ climatic class:
40/125/21
http://www.we-online.com
Datum / date
..................................................................................
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
.............................................................
Kern / core:
Luftfeuchtigkeit / humidity:
HP 34401 A für / for IR
744862120
A Mechanische Abmessungen / mechanical dimensions:
10 kHz / 100 mV / 20°C
B Elektrische Eigenschaften / electrical properties:
250
50 Hz
UR
IR
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2010-12-12
max.
A
Testbedingungen /
test conditions
0,40
max.
2,00
+50 / -30%
C Schaltbild / schematic:
mH
RDC
LO
12,00
@ 20 °C
@ 70 °C
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-TFC
CURRENT-COMPENSATED CHOKE WE-TFC
Artikelnummer / part number :
Umgebungstemperatur / ambient temperature:
Würth Elektronik
..................................................................................
G Eigenschaften / general specifications:
Gehäuse / case:
Freigabe erteilt / general release
Kunde / customer
Draht / wire:
UL94V-0
F Werkstoffe & Zulassungen / material & approvals:
MnZn-Ferrite / MnZn ferrite
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Polysol 155-N
Betriebstemp. / operating temperature:
-40°C - +125°C
Übertemperatur / temperature rise:
< 55K
1
2
N1
3
4
N2
SEITE 1 VON 2


유사한 부품 번호 - 744862120

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744862100 WURTH-744862100 Datasheet
376Kb / 5P
   WE-TFC Common Mode Power Line Choke
744862180 WURTH-744862180 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
More results

유사한 설명 - 744862120

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744862056 WURTH-744862056 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
744862180 WURTH-744862180 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
744862250 WURTH-744862250 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
744862018 WURTH-744862018 Datasheet
165Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
744862033 WURTH-744862033 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
744862082 WURTH-744862082 Datasheet
161Kb / 2P
   CURRENT-COMPENSATED CHOKE WE-TFC
7448640395 WURTH-7448640395 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640398 WURTH-7448640398 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640401 WURTH-7448640401 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640404 WURTH-7448640404 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com