전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1S09 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 ST1S09
상세설명  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button ST1S09_10 Datasheet HTML 3Page - STMicroelectronics ST1S09_10 Datasheet HTML 4Page - STMicroelectronics ST1S09_10 Datasheet HTML 5Page - STMicroelectronics ST1S09_10 Datasheet HTML 6Page - STMicroelectronics ST1S09_10 Datasheet HTML 7Page - STMicroelectronics ST1S09_10 Datasheet HTML 8Page - STMicroelectronics ST1S09_10 Datasheet HTML 9Page - STMicroelectronics ST1S09_10 Datasheet HTML 10Page - STMicroelectronics ST1S09_10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ST1S09
Electrical characteristics
Doc ID 13632 Rev 4
7/18
Refer to Figure 22 application circuit VIN_SW = VIN_A = VINH = 5 V, VO = 1.2 V, C1 = 4.7 µF,
C2 = 22 µF, L1 = 2.7 µH, TJ = -30 to 125 °C (unless otherwise specified. Typical values are
referred to 25 °C)
Table 7.
Electrical characteristics for ST1S09IPU
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB pin bias current
600
nA
VI
Minimum input voltage
IO = 10 mA to 2 A
2.7
V
OVP
Over voltage protection
threshold
VO rising
1.05 VO 1.1 VO
V
Over voltage protection
hysteresis
VO falling
5
%
IQ
Quiescent current
VINH > 1.2 V, not switching
1.5
2.5
mA
VINH < 0.4 V, T = - 30 °C to 85 °C
1
µA
IO
Output current
VI = 2.7 to 5.5 V
(1)
2A
VINH
Inhibit threshold
Device ON, VI = 2.7 to 5.5 V
1.3
V
Device ON, VI = 2.7 to 5 V
1.2
Device OFF
0.4
IINH
Inhibit pin current
2µA
%VO/ΔVI
Output line regulation
VI = 2.7 V to 5.5 V, IO = 100 mA
(1)
0.16
%VO/
ΔVI
%VO/ΔIO
Output load regulation
IO = 10 mA to 2 A
(1)
0.2
0.6
%VO/
ΔIO
PWMfS
PWM switching frequency
VFB = 0.65 V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
RDSON-N NMOS switch on resistance
ISW = 750 mA
0.1
Ω
RDSON-P PMOS switch on resistance
ISW = 750 mA
0.1
Ω
ISWL
Switching current limitation
(1)
2.5
2.9
3.5
A
ν
Efficiency (1)
IO = 10 mA to 100 mA, VO = 3.3 V
65
%
IO = 100 mA to 2 A, VO = 3.3 V
82
87
TSHDN
Thermal shutdown
150
°C
THYS
Thermal shutdown hysteresis
20
°C
%VO/ΔIO
Load transient response
IO = 100 mA to 1 A, TA = 25 °C
tR = tF ≥ 200 ns
(1)
-10
+10
%VO
%VO/ΔIO
Short circuit removal response
IO = 10 mA to IO = short,
TA = 25 °C
(1)
-10
+10
%VO
1.
Guaranteed by design, but not tested in production.


유사한 부품 번호 - ST1S09_10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09IPU STMICROELECTRONICS-ST1S09IPU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09IPU STMICROELECTRONICS-ST1S09IPU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST1S09PU STMICROELECTRONICS-ST1S09PU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results

유사한 설명 - ST1S09_10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com