전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23428TFVZ-T7A 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL23428TFVZ-T7A
상세설명  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428TFVZ-T7A 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL23428TFVZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23428TFVZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL23428
2
FN7904.0
August 25, 2011
Block Diagram
POWER UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
SPI
INTERFACE
VCC
GND
SCK
SDI
SDO
CS
RH0
RL0
RW0
RH1
RL1
RW1
WR0
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
WR1
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
VLOGIC
Pin Configurations
ISL23428
(14 LD TSSOP)
TOP VIEW
ISL23428
(16 LD UTQFN)
TOP VIEW
RW1
RL1
RL0
VCC
RH1
RH0
SDI
CS
SCK
RW0
VLOGIC
GND
GND
SDO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RH1
RW1
CS
RW0
SCK
RH0
SDO
SDI
1
3
4
2
12
10
9
11
Pin Descriptions
TSSOP
UTQFN
SYMBOL
DESCRIPTION
1, 7
5, 6, 15
GND
Ground pin
216
VLOGIC
SPI bus/logic supply
Range 1.2V to 5.5V
3
1
SDO
Logic Pin - Serial bus data output
(configurable)
4
2
SCK
Logic Pin - Serial bus clock input
5
3
SDI
Logic Pin - Serial bus data input
64
CS
Logic Pin - Active low chip select
8
8
RL1
DCP1 “low” terminal
99RW1
DCP1 wiper terminal
10
10
RH1
DCP1 “high” terminal
11
11
RH0
DCP0 “high” terminal
12
12
RW0
DCP0 wiper terminal
13
13
RL0
DCP0 “low” terminal
14
14
VCC
Analog power supply.
Range 1.7V to 5.5V
7
NC
Not Connected


유사한 부품 번호 - ISL23428TFVZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23428TFVZ-T7A INTERSIL-ISL23428TFVZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428TFVZ-T7A RENESAS-ISL23428TFVZ-T7A Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

유사한 설명 - ISL23428TFVZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com