전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL59911 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL59911
상세설명  250MHz Triple Differential Receiver/ Equalizer with I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59911 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL59911 Datasheet HTML 1Page - Intersil Corporation ISL59911 Datasheet HTML 2Page - Intersil Corporation ISL59911 Datasheet HTML 3Page - Intersil Corporation ISL59911 Datasheet HTML 4Page - Intersil Corporation ISL59911 Datasheet HTML 5Page - Intersil Corporation ISL59911 Datasheet HTML 6Page - Intersil Corporation ISL59911 Datasheet HTML 7Page - Intersil Corporation ISL59911 Datasheet HTML 8Page - Intersil Corporation ISL59911 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL59911
5
FN7548.0
September 2, 2011
BWCM
Common Mode Amplifier Bandwidth
10k || 5pF load
24
MHz
SRCM
Common Mode Slew Rate
VIN = -0.5V to +1.5V
0.1
V/ns
INPUT CHARACTERISTICS
CMIR
Common-mode Input Range
Differential signal passed undistorted.
Effective headroom is reduced by the p-p
amplitude of differential swing divided by 2.
-3.2/+4.0
V
CMRR
Common-mode Rejection Ratio
Measured at 100kHz
88
dB
Measured at 10MHz
58
dB
CINDIFF
Differential Input Capacitance
Capacitance between VINP and VINM
0.5
pF
RINDIFF
Differential Input Resistance
Resistance between VIN+ and VIN-
(due to common mode input resistance)
20
k
Ω
CINCM
CM Input Capacitance
Capacitance from VIN+ and VIN- to GND
1.3
pF
RINCM
CM Input Resistance
Resistance from VIN+ and VIN- to GND
25
k
Ω
VINDIFF_P-P
Max P-P Differential Input Range
Delta VIN+ - VIN- when slope gain falls to 0.9
1.9
V
OUTPUT CHARACTERISTICS
VOUT
Output Voltage Swing
±2.75
V
IOUT
Output Drive Current
RL = 10Ω, VIN+ - VIN- = ±2V
±22
mA
V(VOUT)OS
Output Offset Voltage
Post-offset calibration
-20
-8
+5
mV
R(VCM)
CM Output Resistance of VCM_R/G/B
(CM Output Mode)
At 100kHz
2.5
Ω
Gain
Gain
x1 mode
x2 mode
0.95
1.9
1.0
2.0
1.05
2.1
V/V
ΔGain
Channel-to-Channel Gain Mismatch
x1 and x2 modes
±3
%
ONOISE
Integrated Noise at Output
Inputs @ GND through 50
Ω.
0m of Equalization (Nominal)
300m of Equalization
4
20
mVRMS
SYNCOUTHI
High Level output on VS/HSOUT
10k || 5pF load, SYNC Output Mode
V+ - 1.5
V
SYNCOUTLO
Low Level output on VS/HSOUT
10k || 5pF load, SYNC Output Mode
0.4
V
SCL, SDA PINS
fMAX
Maximum I2C Operating Frequency
400
kHz
VOL
SDA Output Low Level
VSINK = 6mA
0.4
V
VIH
Input High Level
3V
VIL
Input Low Level
1.5
V
VHYST
Input Hysteresis
0.55
V
ILEAKAGE
Input Leakage Current
±1
µA
tGLITCH
Maximum Width of Glitch on SCL (or
SDA) Guaranteed to be Rejected
50
ns
ENABLE, ADDR0, ADDR1 PINS
VIH
Input High Level
3V
VIL
Input Low Level
0.8
V
ILEAKAGE
Input Leakage Current
±1
µA
NOTE:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V+ = V+R = V+G = V+B = +5V, V- = V-R = V-G = V-B = V-D = -5V, TA = +25°C, all registers at default settings
(equalizer stages set to minimum boost, noise filter set to max bandwidth, x2 gain mode, GAINDC = 0dB), all analog inputs at 0V, auto offset
calibration executed, RL = 5pF || (75Ω + 75Ω) to GND, thermal pad connected to -5V, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT


유사한 부품 번호 - ISL59911

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911IRZ RENESAS-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ-EVALZ INTERSIL-ISL59911IRZ-EVALZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
More results

유사한 설명 - ISL59911

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com