전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PQ15RF15 데이터시트(PDF) 3 Page - Sharp Corporation

부품명 PQ15RF15
상세설명  1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF15 데이터시트(HTML) 3 Page - Sharp Corporation

  PQ15RF15 Datasheet HTML 1Page - Sharp Corporation PQ15RF15 Datasheet HTML 2Page - Sharp Corporation PQ15RF15 Datasheet HTML 3Page - Sharp Corporation PQ15RF15 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ15RF15/PQ15RF16
Fig.5 Output Voltage Deviation vs. Junction
Temperature
Fig.7 Circuit Operating Current vs.
Input Voltage
Fig.9 Quiescent Current vs. Junction
Temperature
Fig.8 Dropout Voltage vs. Junction
Temperature
Fig.10 Ripple Rejection vs. Input Ripple
Frequency
Fig.6 Output Voltage vs. Input Voltage
-200
-25
0
50
25
100
75
125
250
200
150
100
50
0
-50
-100
-150
Junction temperature Tj (˚C)
VIN =18V
IO =0.5A
0
0
5
10
15
20
25
5
10
15
20
Input voltage VIN (V)
RL=
RL=30
RL=15
0
0
5
10
15
20
10
20
30
RL=
RL=30
RL=
10
Input voltage VIN (V)
RL=
15
-25
0
50
25
100
75
125
0.5
0.4
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
IO =1A
0.75A
0.5A
0.25A
0
-25
0
25
50
75
100
125
2
4
6
8
VIN =35V
IO =0
10
Junction temperature Tj (˚C)
0
0.1
10
1
100
10
20
30
40
50
60
70
80
Input ripple frequency f (kHz)
Io=0.5A,ei=0.5Vrms,
Tj=25˚C
VIN=18V


유사한 부품 번호 - PQ15RF15

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PQ15RF2 SHARP-PQ15RF2 Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ15RF2 SHARP-PQ15RF2 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ15RF2/PQ15RF2V SHARP-PQ15RF2/PQ15RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ15RF21 SHARP-PQ15RF21 Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ15RF21 SHARP-PQ15RF21 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
More results

유사한 설명 - PQ15RF15

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF14 SHARP-PQ05RF14 Datasheet
33Kb / 4P
   1A Output, Low Power-Loss Voltage Regulator Considering Power Line Voltage Drop
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com