์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S102S03 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Sharp Electrionic Components

๋ถ€ํ’ˆ๋ช… S102S03
์ƒ์„ธ๋‚ด์šฉ  SIP Type SSR with Mounting Capability for External Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SHARP [Sharp Electrionic Components]
ํ™ˆํŽ˜์ด์ง€  http://sharp-world.com/
Logo 

S102S03 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
S102S03/S202S03
S102S03/S202S03
s Outline Dimensions
( Unit : mm)
(Ta = 25 หšC)
s Features
s Applications
s Absolute Maximum Ratings
1. High radiation resin mold package
3. Isolation voltage between input and output
( Viso
4. Low input driving current
1. Automatic vending machines
3. Amusement equipment
2. Programmable controllers
V DSM
dIT /d t
f
V iso
T opr
T stg
T sol
For 100V lines
For 200V lines
S102S03
S202S03
Operating frequency
*2 Isolation voltage
Operating temperature
Storage temperature
*3Soldering temperature
Parameter
Symbol
Input
Forward current
IF
Reverse voltage
V R
Output
IT
*1Peak one cycle surge current
I surge
V DRM
(5.08)(7.62)(2.54)
(1.4)
+
Internal connection diagram
( ): Typical dimensions
*
A
B
12
3
4
12
3 4
3 Input ( + )
A (Model No.)
B
8A125VAC
8A250VAC
S102S03
S202S03
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.โ€
โ€œ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
RMS ON-state current
Repetitive peak OFF-state voltage
Non-repetitive peak OFF-state voltage
Critical rate of rise of ON-state current
1 Output (Triac T2 )
2 Output (Triac T1 )
2. RMS ON-state current IT : MAX. 8 Arms
at TC <= 80หšC ( With heat sink )
Rating
Unit
S102S03
S202S03
50
mA
6V
*48
80
A
400
600
V
400
600
V
50
A/
ยตs
45 to 65
Hz
V rms
- 25 to + 100
หšC
- 30 to + 125
หšC
260
หšC
( IFT : MAX. 5mA )
-
4 Input ( - )
g Do not allow external connection.
are common to terminal 1 .
* The metal parts marked *
5. Approved by CSA, No. LR63705
*1 50Hz sine wave,
(Note )
When the isolation voltage is
*3 For 10 seconds
SIP Type SSR with Mounting
Capability for External Heat
Sink
*4 T C<= 80หšC
A rms
s Model Line-ups
: 4 000V rms )
4 000
insulation sheet.
Tj = 25หšC start
*2 60Hz AC for 1 minute,
40 to 60% RH, Apply
voltages between input
and output by the
voltage tester with
zero-cross circuit.
( Input and output shall
be shorted respectively ) .
Recognized by UL, file No. E94758
dielectric withstand
necessary at using external
heat sink, please use the
18.5
ยฑ 0.2
16.4
ยฑ 0.3
ฯ† 3.2 ยฑ 0.2
5.5 ยฑ 0.2
4 - 1.1
ยฑ 0.2
4 - 0.8
ยฑ 0.2
4 - 1.25
ยฑ 0.3
0.6
ยฑ 0.1


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn