์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S102S03 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Sharp Electrionic Components

๋ถ€ํ’ˆ๋ช… S102S03
์ƒ์„ธ๋‚ด์šฉ  SIP Type SSR with Mounting Capability for External Heat Sink
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SHARP [Sharp Electrionic Components]
ํ™ˆํŽ˜์ด์ง€  http://sharp-world.com/
Logo 

S102S03 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 3 / 4 page
background image
S102S03/S202S03
RMS ON-state current I T ( Arms )
4
6
2
0
04
210
812
18
10
8
6
16
14
12
20
50
1
0
20
210
520
100
40
60
80
100
Ambient temperature T a (หšC)
- 25
0
25
50
75
100
125
0
10
20
30
40
50
60
Ambient temperature T a (หšC)
- 25
0
25
50
75
100
125
0
1
2
3
4
5
6
Forward voltage V F (V)
0.9
1
1.1
1.0
1.2
10
2
5
20
50
100
25หšC
50หšC
1.3
1.4
1.5
- 25หšC
0หšC
Fig. 3 Forward Current vs.
Ambient Temperature
Fig. 4 Forward Current vs.
Forward Voltage
Fig. 5 Surge Current vs.
Fig. 7 Minimum Trigger Current vs. Ambient
Temperature (Typical Value)
Case temperature T (หšC)
- 25
0
25
50
75
100
125
0
2
4
6
8
10
Fig. 2 RMS ON-state Current vs.
Case Temperature
Power-on Cycle
Power-on cycle ( Times )
c
vs. RMS ON-state Current
Fig. 6 Maximum ON-state Power Dissipation
f = 50Hz
Tj = 25หšC Start
Ta = 75หšC
Ta = 25หšC
VD= 12V
RL=30โ„ฆ
(Typical Value)


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn