전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY16 데이터시트(PDF) 2 Page - Diotec Semiconductor

부품명 BY16
상세설명  High Voltage Silicon Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY16 데이터시트(HTML) 2 Page - Diotec Semiconductor

  BY16 Datasheet HTML 1Page - Diotec Semiconductor BY16 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BY4 ... BY16
2
http://www.diotec.com/
© Diotec Semiconductor AG
10
1
10
10
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
BY4
BY6
BY8
BY12
BY16
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3


유사한 부품 번호 - BY16

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BY16 DIOTEC-BY16 Datasheet
110Kb / 1P
   High Voltage Si-Rectifiers
BY16 DIOTEC-BY16 Datasheet
188Kb / 2P
   Silicon Rectifiers
BY16 DIOTEC-BY16 Datasheet
45Kb / 1P
   High Voltage Si-Rectifiers
logo
Shenzhen Taychipst Elec...
BY16 TAYCHIPST-BY16 Datasheet
1Mb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY16 DIOTEC-BY16 Datasheet
109Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results

유사한 설명 - BY16

제조업체부품명데이터시트상세설명
logo
Semikron International
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
   High voltage silicon rectifier diodes
logo
Diotec Semiconductor
SI-E8000 DIOTEC-SI-E8000 Datasheet
191Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
HV500F12 GETEDZ-HV500F12_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
HV500F15 GETEDZ-HV500F15_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
HV500F10 GETEDZ-HV500F10_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
ESJC50F10 GETEDZ-ESJC50F10_17 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
HV500F08 GETEDZ-HV500F08_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
ESJC50F15 GETEDZ-ESJC50F15_1 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
ESJC50F12 GETEDZ-ESJC50F12_17 Datasheet
512Kb / 2P
   High voltage silicon rectifier diodes
logo
Diotec Semiconductor
SI-A3000_1350-6F DIOTEC-SI-A3000_1350-6F Datasheet
134Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com