전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-3000ZF 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-3000ZF
상세설명  5-Terminal, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000ZF 데이터시트(HTML) 1 Page - Sanken electric

  SI-3000ZF Datasheet HTML 1Page - Sanken electric SI-3000ZF Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
82
ICs
1-1-4 Linear Regulator ICs
■Features
• Compact full-mold package (equivalent to
TO220)
• Output current: 3.0A
• Low dropout voltage: VDIF ≤ 0.7V (at IO = 3.0A)
• Low circuit current at output OFF: Iq (OFF) ≤ 1µA
• Built-in overcurrent and thermal protection circuits
■Applications
• Secondary stabilized power supply (local
power supply)
■Absolute Maximum Ratings
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Ratings
10
6
3.0
20 (With infinite heatsink)
1.5 (Without heatsink, stand-alone operation)
–30 to +125
–30 to +100
–30 to +125
5.0
66.7 (Without heatsink, stand-alone operation)
Symbol
VIN*1
VC
IO*1
PD1
PD2
Tj
Top
Tstg
θj-c
θj-a
Parameter
DC Input Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Operating Ambient Temperature
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
(Ta = 25°C)
■Recommended Operating Conditions
Parameter
Input Voltage
Output Current
Operating Ambient Temperature
Operating Junction Temperature
Output Voltage Variable Range
Symbol
VIN
IO
Top (a)
Top (j)
VOADJ
Unit
V
A
°C
°C
V
Ratings
*2 to 6*1
0 to 3
–20 to +85
–20 to +100
1.2 to 5
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN - VO) × IO.
*2: Set the input voltage to 2.4V or higher when setting the output voltage to 2.0V or lower.
■Electrical Characteristics
*1: Set the input voltage to 2.4V or higher when setting the output voltage to 2.0V or lower.
*2: IS1 is specified at the 5% drop point of output voltage VO under the Output Voltage parameter conditions.
*3: Output is OFF when the output control terminal VC is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*4: These products cannot be used in the following applications because the built-in foldback-type overcurrent protection may cause errors during start-up stage.
(1) Constant current load (2) Positive and negative power supply (3) Series-connected power supply (4) VO adjustment by raising ground voltage
(Ta = 25°C, VC = 2V, unless otherwise specified)
5-Terminal, Low Dropout Voltage
SI-3000ZF Series
Unit
V
mV
mV
V
mA
µA
mV/
°C
dB
A
V
µA
µA
Parameter
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient
of Output Voltage
Ripple Rejection
Overcurrent Protection Starting Current*2
*4
Control Voltage (Output ON)*3
Control Voltage (Output OFF)*3
VC
Control Current(Output ON)
Terminal
Control Current(Output OFF)
Symbol
VADJ
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
SI-3011ZF
min.
typ.
max.
1.078
1.100
1.122
VIN=VO+1V, IO=10mA
10
VIN=3.3 to 5V, IO=10mA (VO=2.5V)
40
VIN=3.3V, IO=0 to 3A (VO=2.5V)
0.7
IO=3A (VO=2.5V)
1
1.5
VIN=VO+1V, IO=0A, VC=2V
1
VIN=VO+1V, VC=0V
±0.3
Tj=0 to 100
°C
60
VIN=VO+1V, f=100 to 120HZ, IO=0.1A
3.2
VIN=VO+1V
2
0.8
100
VC=2.7V
–5
0
VC=0V
Reference Voltage


유사한 부품 번호 - SI-3000ZF

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-3000ZFE SANKEN-SI-3000ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

유사한 설명 - SI-3000ZF

제조업체부품명데이터시트상세설명
logo
Sanken electric
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000ZFE SANKEN-SI-3000ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com