전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDR2807G093BW 데이터시트(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

부품명 CDR2807G093BW
상세설명  Dynamic Receiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CANOPUS [Canopus Electronics (H.K.) Ltd.]
홈페이지  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CDR2807G093BW 데이터시트(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CDR2807G093BW Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dynamic
Receiver
CDR2804
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CDR2505
CDR2807
CDR2505G090BZ
90
3
±
150
20%
±
60mV
Solder Pad
ABS
4.5
Optional
Canopus Part no.
Sensitivity
At 1KHz
(dB)
Input At
1Khz
Terminal
Housing
Weight
(g)
HAC
Compatible
AC Impedance
At 1KHz
(
Ω)
CDR2804G110BZ
110
3
±
100mV
2.9
NIL
150
20%
±
Solder Pad
ABS
Canopus Part no.
Sensitivity
At 1KHz
(dB)
Input At
1Khz
Terminal
Housing
Weight
(g)
HAC
Compatible
AC Impedance
At 1KHz
(
Ω)
CDR2807G093BW
93
3
±
60mV
Leadwire
8
Optional
150
20%
±
ABS
Canopus Part no.
Sensitivity
At 1KHz
(dB)
Input At
1Khz
Terminal
Housing
Weight
(g)
HAC
Compatible
AC Impedance
At 1KHz
(
Ω)


유사한 부품 번호 - CDR2807G093BW

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
CDR25D07LA SUMIDA-CDR25D07LA Datasheet
198Kb / 2P
   Power Inductor
CDR25D07LA SUMIDA-CDR25D07LA Datasheet
164Kb / 2P
   Power Inductor
CDR25D07LANP-1R0PC SUMIDA-CDR25D07LANP-1R0PC Datasheet
198Kb / 2P
   Power Inductor
CDR25D07LANP-1R0PC SUMIDA-CDR25D07LANP-1R0PC Datasheet
164Kb / 2P
   Power Inductor
CDR25D07LANP-1R5PC SUMIDA-CDR25D07LANP-1R5PC Datasheet
198Kb / 2P
   Power Inductor
More results

유사한 설명 - CDR2807G093BW

제조업체부품명데이터시트상세설명
logo
DB Lectro Inc
DR08AMW32 DBLECTRO-DR08AMW32 Datasheet
987Kb / 6P
   Dynamic Receiver
logo
Canopus Electronics (H....
CDR3111 CANOPUS-CDR3111 Datasheet
737Kb / 1P
   Dynamic Receiver
CHDR1303 CANOPUS-CHDR1303 Datasheet
979Kb / 1P
   Dynamic Receiver (Hearing Aid)
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
   Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX1473 MAXIM-MAX1473_11 Datasheet
367Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 5; 1/11
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com