전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F405XX 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32F405XX
상세설명  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 63Page - STMicroelectronics STM32F405XX Datasheet HTML 64Page - STMicroelectronics STM32F405XX Datasheet HTML 65Page - STMicroelectronics STM32F405XX Datasheet HTML 66Page - STMicroelectronics STM32F405XX Datasheet HTML 67Page - STMicroelectronics STM32F405XX Datasheet HTML 68Page - STMicroelectronics STM32F405XX Datasheet HTML 69Page - STMicroelectronics STM32F405XX Datasheet HTML 70Page - STMicroelectronics STM32F405XX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
67/154
Table 19.
Typical and maximum current consumptions in Stop mode(1)(2)
Symbol
Parameter
Conditions
Typ
Max
Unit
TA = 25 °C TA = 85 °C
TA =
105 °C
IDD_STOP
Supply current
in Stop mode
with main
regulator in
Run mode
Flash in Stop mode, low-speed and high-speed
internal RC oscillators and high-speed oscillator
OFF (no independent watchdog)
1.00
TBD
TBD
mA
Flash in Deep power down mode, low-speed
and high-speed internal RC oscillators and
high-speed oscillator OFF (no independent
watchdog)
0.98
TBD
TBD
Supply current
in Stop mode
with main
regulator in
Low Power
mode
Flash in Stop mode, low-speed and high-speed
internal RC oscillators and high-speed oscillator
OFF (no independent watchdog)
0.66
TBD
TBD
Flash in Deep power down mode, low-speed
and high-speed internal RC oscillators and
high-speed oscillator OFF (no independent
watchdog)
0.63
TBD
TBD
1.
All typical and maximum values will be further reduced by up to 50% as part of ST continuous improvement of test
procedures. New versions of the datasheet will be released to reflect these changes.
2.
TBD stands for “to be defined”.
Table 20.
Typical and maximum current consumptions in Standby mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
TA = 25 °C
TA = 85 °C TA = 105 °C
VDD =
1.8 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.6 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM ON, RTC ON
TBD
TBD
TBD
TBD(2)
TBDS(2)
µA
Backup SRAM OFF, RTC ON
TBD
TBD
TBD
TBDS(2)
TBDS(2)
Backup SRAM ON, RTC OFF
TBD
TBD
TBD
TBDS(2)
TBDS(2)
Backup SRAM OFF, RTC OFF
TBD
TBD
TBD
TBDS(2)
TBDS(2)
1.
TBD stands for “to be defined”.
2.
Based on characterization, not tested in production.


유사한 부품 번호 - STM32F405XX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM32F405xx STMICROELECTRONICS-STM32F405xx Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405xx STMICROELECTRONICS-STM32F405xx Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
5Mb / 201P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
October 2015
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
5Mb / 203P
   Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
August 2020
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results

유사한 설명 - STM32F405XX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM32F205XX STMICROELECTRONICS-STM32F205XX Datasheet
3Mb / 170P
   USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205RBT7 STMICROELECTRONICS-STM32F205RBT7 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
June 2011 Rev 7
STM32F207ZET6 STMICROELECTRONICS-STM32F207ZET6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F207VCT6 STMICROELECTRONICS-STM32F207VCT6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405VGT6 STMICROELECTRONICS-STM32F405VGT6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205ZET6 STMICROELECTRONICS-STM32F205ZET6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com