전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F405XX 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 STM32F405XX
상세설명  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405XX 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button STM32F405XX Datasheet HTML 80Page - STMicroelectronics STM32F405XX Datasheet HTML 81Page - STMicroelectronics STM32F405XX Datasheet HTML 82Page - STMicroelectronics STM32F405XX Datasheet HTML 83Page - STMicroelectronics STM32F405XX Datasheet HTML 84Page - STMicroelectronics STM32F405XX Datasheet HTML 85Page - STMicroelectronics STM32F405XX Datasheet HTML 86Page - STMicroelectronics STM32F405XX Datasheet HTML 87Page - STMicroelectronics STM32F405XX Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
84/154
Doc ID 022152 Rev 1
Table 37.
Flash memory endurance and data retention
5.3.13
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports). the
device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
FTB: A burst of fast transient voltage (positive and negative) is applied to VDD and VSS
through a 100 pF capacitor, until a functional disturbance occurs. This test is compliant
with the IEC 61000-4-4 standard.
Table 36.
Flash memory programming with VPP
(1)
1.
TBD stands for “to be defined”.
Symbol
Parameter
Conditions
Min(2)
Typ
Max(2)
2.
Guaranteed by design, not tested in production.
Unit
tprog
Double word programming
TA = 0 to +40 °C
-
16
100(3)
3.
The maximum programming time is measured after 100K erase operations.
µs
tERASE16KB Sector (16 KB) erase time
-
TBD
-
tERASE64KB Sector (64 KB) erase time
-
TBD
-
tERASE128KB Sector (128 KB) erase time
-
TBD
-
tME
Mass erase time
-
6.8
-
Vprog
Programming voltage
2.7
-
3.6
V
VPP
VPP voltage range
7
-
9
V
IPP
Minimum current sunk on
the VPP pin
10
-
-
mA
tVPP
(4)
4.
VPP should only be connected during programming/erasing.
Cumulative time during
which VPP is applied
-
-
1
hour
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1.
Based on characterization, not tested in production.
NEND
Endurance
TA = –40 to +85 °C (6 suffix versions)
TA = –40 to +105 °C (7 suffix versions)
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2.
Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
10
10 kcycles(2) at TA = 55 °C
20


유사한 부품 번호 - STM32F405XX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM32F405xx STMICROELECTRONICS-STM32F405xx Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405xx STMICROELECTRONICS-STM32F405xx Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
5Mb / 201P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
October 2015
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
5Mb / 203P
   Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
August 2020
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results

유사한 설명 - STM32F405XX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM32F205XX STMICROELECTRONICS-STM32F205XX Datasheet
3Mb / 170P
   USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205RBT7 STMICROELECTRONICS-STM32F205RBT7 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
June 2011 Rev 7
STM32F207ZET6 STMICROELECTRONICS-STM32F207ZET6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F207VCT6 STMICROELECTRONICS-STM32F207VCT6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405VGT6 STMICROELECTRONICS-STM32F405VGT6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F205ZET6 STMICROELECTRONICS-STM32F205ZET6 Datasheet
3Mb / 177P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com