전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

541LP3E 데이터시트(PDF) 6 Page - Hittite Microwave Corporation

부품명 541LP3E
상세설명  10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

541LP3E 데이터시트(HTML) 6 Page - Hittite Microwave Corporation

  541LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 541LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5
5 - 181
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Material for Evaluation PCB 111317 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J5
DC Connector
C1 - C3
1000 pF Capacitor, 0402 Pkg.
C4 - C5
330 pF Capacitor, 0402 Pkg.
U1
HMC541LP3 / HMC541LP3E
Digital Attenuator
PCB [2]
111290 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC541LP3 / 541LP3E
v01.1005
10 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5 GHz


유사한 부품 번호 - 541LP3E

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
541 MSK-541 Datasheet
482Kb / 7P
   HIGH POWER OP-AMP
logo
Intel Corporation
541 INTEL-541 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
GS Yuasa Battery Sales ...
541 GSYUASABATTERY-541 Datasheet
357Kb / 1P
   Capacity (20-hour) 150Ah
logo
Diodes Incorporated
541-0.0ACT-ND DIODES-541-0.0ACT-ND Datasheet
431Kb / 6P
   High Current and High Voltage LED Driver
logo
Analog Devices
541-100KJTR-ND AD-541-100KJTR-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

유사한 설명 - 541LP3E

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC800LP3E HITTITE-HMC800LP3E Datasheet
480Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC541LP3 HITTITE-HMC541LP3 Datasheet
265Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
logo
Analog Devices
HMC802ALP3E AD-HMC802ALP3E Datasheet
532Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com