전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS125-181-RM 데이터시트(PDF) 1 Page - ice Components, Ins.

부품명 LS125-181-RM
상세설명  Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICE [ice Components, Ins.]
홈페이지  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LS125-181-RM 데이터시트(HTML) 1 Page - ice Components, Ins.

  LS125-181-RM Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
Will Handle Up To 8A
Economical Design
Suitable For Pick And Place
Shielded Design
Applications
DC/DC Converters
Output Power Chokes
Handheld And PDA Applications
Battery Powered Or Low Voltage Applications
Electrical Specifications
Mechanical
XXX
12.3 max
GS
XXX
5.0 Ref
6.0 max
XXX
LS125-1R3-RM
LS125-2R1-RM
LS125-3R1-RM
LS125-4R4-RM
LS125-5R8-RM
LS125-7R5-RM
LS125-100-RM
LS125-120-RM
LS125-150-RM
LS125-180-RM
LS125-220-RM
LS125-270-RM
LS125-330-RM
LS125-390-RM
LS125-470-RM
LS125-560-RM
LS125-680-RM
LS125-820-RM
LS125-101-RM
LS125-121-RM
LS125-151-RM
LS125-181-RM
LS125-221-RM
LS125-271-RM
LS125-331-RM
LS125-391-RM
LS125-471-RM
LS125-561-RM
LS125-681-RM
LS125-821-RM
LS125-102-RM
Part
6
Number
1.3
2.1
3.1
4.4
5.8
7.5
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
Inductance
1
H +/- 20%)
7.96M
7.96M
7.96M
7.96M
7.96M
7.96M
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
Test Frequency
(Hz)
0.012
0.014
0.017
0.020
0.021
0.024
0.025
0.027
0.030
0.034
0.036
0.051
0.057
0.068
0.075
0.11
0.12
0.14
0.16
0.17
0.23
0.29
0.40
0.46
0.51
0.69
0.77
0.86
1.20
1.34
1.53
8.00
7.00
6.00
5.00
4.40
4.20
4.00
3.50
3.30
3.00
2.80
2.30
2.10
2.00
1.80
1.70
1.50
1.40
1.30
1.10
1.00
.90
.80
.75
.68
.65
.58
.54
.48
.43
.40
I
DC max
2
(A)
DCR max
(
Ω)
Packaging
Reel Diameter: 330mm
Reel Width: 24.3mm
Pieces Per Reel: 500
TOP VIEW
5.4
2.8
7.0
1. Test Voltage:
1R3-7R6: 7.96MHz/0.1V
100-102: 1KHz/0.25V
2. Inductance drop = 10% at rated I
DC max.
3. Electrical specifications at 25ºC.
4. Operating temperature range:
-40ºC to +85ºC.
5. Meets UL 94V-0.
6. Optional Tolerances: 10%(K), 15%(L),
and 30%(N).
Unit: mm
LS125 Series
Surface Mount Power Inductors
52
(04/08) LS-6


유사한 부품 번호 - LS125-181-RM

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
LS125-181-RM ICE-LS125-181-RM Datasheet
567Kb / 1P
   Surface Mount Power Inductors
More results

유사한 설명 - LS125-181-RM

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com