전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1194 데이터시트(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SK1194
상세설명  VR Series Power MOSFET(230V 0.5A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK1194 데이터시트(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SK1194 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SK1194 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image


유사한 부품 번호 - 2SK1194

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK1194 ISC-2SK1194 Datasheet
326Kb / 2P
   Isc N-Channel MOSFETransistor
More results

유사한 설명 - 2SK1194

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
F05B23VR SHINDENGEN-F05B23VR Datasheet
432Kb / 12P
   VR Series Power MOSFET(230V 0.5A)
2SK1195 SHINDENGEN-2SK1195 Datasheet
395Kb / 10P
   VR Series Power MOSFET(230V 1.5A)
2SK1861 SHINDENGEN-2SK1861 Datasheet
411Kb / 10P
   VR Series Power MOSFET
2SK1931 SHINDENGEN-2SK1931 Datasheet
370Kb / 9P
   VR Series Power MOSFET(200V 5A)
logo
Rohm
RDR005N25 ROHM-RDR005N25 Datasheet
546Kb / 13P
   Nch 250V 0.5A Power MOSFET
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
   Nch 600V 0.5A Power MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A_11 Datasheet
218Kb / 8P
   0.5A, 600V N-CHANNEL POWER MOSFET
1N65A UTC-1N65A Datasheet
202Kb / 8P
   0.5A, 650V N-CHANNEL POWER MOSFET
logo
Sanyo Semicon Device
DFD05T SANYO-DFD05T Datasheet
47Kb / 2P
   0.5A Power Rectifier
logo
Winbond
W51300 WINBOND-W51300 Datasheet
183Kb / 12P
   FLASH VR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com