전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1408D 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 DAC1408D
상세설명  JESD204A-compliant D/A conversion for wideband communication & instrumentation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D 데이터시트(HTML) 1 Page - NXP Semiconductors

  DAC1408D Datasheet HTML 1Page - NXP Semiconductors DAC1408D Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP dual-channel, up to
14 bit, 750 Msps D/A converter
DAC1408D series
Optimized for high-speed applications, such as 2.5/3/4G wireless, video broadcast, and
instrumentation, this advanced DAC has selectable interpolating filters and a four-lane CGV™
serial interface, and complies with the new JEDEC JESD204A.
The NXP DAC1408D series, 14 bit digital-to-analog converters
with two channels, are equipped with interpolation filters
selectable as 2x, 4x, or 8x. It is a high-speed solution optimized
for a variety of advanced applications, including single- and
multi-carrier wireless infrastructure transmitter signals.
It uses fully configurable digital on-chip modulation to manage
I and Q inputs, up-converting them from baseband to IF. The
mixing frequency is adjusted, via an SPI (Serial Peripheral
Interface) interface with a 32 bit NCO (Numerically Controlled
Oscillator). The phase is controlled by a 16 bit register.
Supporting input data rates up to 375 Msps as well as polarity
and lane swapping, the DAC1408D series has fourlane CGV™
receivers.
CGV™ (Convertisseur Grande Vitesse) designates NXP’s
compliant, superset implementation of the JEDEC JESD204A
interface standard, with enhanced rate (4.0 Gbps typical),
enhanced reach (100 cm typical), enhanced features (multiple
DAC synchronization) and assured FPGA interoperability.
Specifically, NXP offers enhancements in terms of transceiver
Key features
} Dual-channel, 14 bit resolution
} 750 Msps maximum output rate
} Four-lane JEDEC204A serial digital input
} 32 bit programmable NCO frequency synthesizer
with low-power option
} SPI control/status interface
} HVQFN64 package
} MDS (Multi-DAC Synchronisation)
} Interpolation filters : 2x, 4x, 8x
Applications
} Wireless infrastructure: Multicarrier GSM, EDGE, CDMA,
WCDMA, TD-SCDMA, WiMAX, LTE
} Multipoint communication infrastructure: LMDS/MMDS
} Broadband wireless systems
} Digital radio links
} High-speed instrumentation
} Automated Test Equipment (ATE)
} Video broadcast equipment
JESD204A-compliant D/A conversion for
wideband communication & instrumentation


유사한 부품 번호 - DAC1408D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1408D650 NXP-DAC1408D650 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
DAC1408D650 NXP-DAC1408D650 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

유사한 설명 - DAC1408D

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ICL8053 INTERSIL-ICL8053 Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
logo
Samsung semiconductor
KA3361B SAMSUNG-KA3361B Datasheet
78Kb / 4P
   THE KA3361B IS DESIGNED FOR USE IN FM DUAL CONVERSION COMMUNICATION.
logo
Xilinx, Inc
XAPP876 XILINX-XAPP876 Datasheet
1Mb / 26P
   Virtex-5 FPGA Interface to a JESD204A
logo
Analog Devices
AN-1161 AD-AN-1161 Datasheet
239Kb / 16P
   EMC-Compliant RS-485 Communication Networks
REV. 0
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
   Channels of Isolated 12 bit D/A Conversion
logo
Toshiba Semiconductor
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP116 TOSHIBA-TLP116 Datasheet
75Kb / 5P
   Digital Isolation for A/D,D/A Conversion. High Speed Line Receiver. Microprocessor System Interfaces. Plasma Display Panel.
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
   4 Channels of Isolated 16 bit D/A Conversion
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
   16 Channels of Isolated 16 bit A/D Conversion
logo
Mallory performance clu...
566 MALLORY-566 Datasheet
147Kb / 4P
   CONVERSION FOR HARLEY-DAVIDSON
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com