전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC837LP6CE 데이터시트(PDF) 8 Page - Hittite Microwave Corporation

부품명 HMC837LP6CE
상세설명  FRACTIONAL-N PLL WITH INTEGRATED VCO 1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC837LP6CE 데이터시트(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC837LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC837LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7 - 8
7
HMC837LP6CE
v00.1210
FRACTIONAL-N PLL WITH INTEGRATED VCO
1025 - 1150, 2050 - 2300, 4100 - 4600 MHz
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Figure of Merit
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
TUNING CAP 31 1992MHz AT 2V
TUNING CAP 15 2149MHz AT 2V
TUNING CAP 0 2364MHz AT 2V
TUNING VOLTAGE (V)
Typical Operating Range
Typical Output Power - Narrow Band
Match
Typical VCO Sensitivity vs. Cap @
Fo Voltage
-240
-230
-220
-210
-200
10
2
10
3
10
4
10
5
10
6
FREQUENCY OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
-5
0
5
10
15
20
1000
2000
3000
4000
5000
6000
OUTPUT FREQUENCY (MHz)
Divide-by-2
Fundamental
Doubler
-40C
27C
85C
-40C
27C
85C
-40C
27C
85C


유사한 부품 번호 - HMC837LP6CE

제조업체부품명데이터시트상세설명
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results

유사한 설명 - HMC837LP6CE

제조업체부품명데이터시트상세설명
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com