전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MC74LCX02 데이터시트(HTML) 1 Page - Motorola, Inc

부품명 MC74LCX02
상세내용  LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo 

MC74LCX02 데이터시트(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 1
© Motorola, Inc. 1996
11/96
Low-Voltage CMOS Quad
2-Input NOR Gate
With 5V-Tolerant Inputs
The MC74LCX02 is a high performance, quad 2–input NOR gate
operating from a 2.7 to 3.6V supply. High impedance TTL compatible
inputs significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance. A VI
specification of 5.5V allows MC74LCX02 inputs to be safely driven from
5V devices.
Current drive capability is 24mA at the outputs.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant Inputs — Interface Capability With 5V TTL Logic
LVTTL Compatible
LVCMOS Compatible
24mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current (10µA) Substantially Reduces System
Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Pinout: 14–Lead (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
O2B2
A2
O3B3
A3
O0A0
B0O1
A1
B1
GND
1
O0
2
A0
LOGIC DIAGRAM
3
B0
4
O1
5
A1
6
B1
13
O2
11
A2
12
B2
10
O3
8
A3
9
B3
DT SUFFIX
PLASTIC TSSOP
CASE 948G–01
14
1
SD SUFFIX
PLASTIC SSOP
CASE 940A–03
14
1
M SUFFIX
PLASTIC SOIC EIAJ
CASE 965–01
14
1
D SUFFIX
PLASTIC SOIC
CASE 751A–03
14
1
PIN NAMES
Function
Data Inputs
Outputs
Pins
An, Bn
On
MC74LCX02
LOW–VOLTAGE CMOS
QUAD 2–INPUT NOR GATE
L
L
H
H
L
H
L
H
INPUTS
OUTPUTS
An
Bn
H
L
L
L
On
FUNCTION TABLE


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn