전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1528-CTAE3 데이터시트(PDF) 7 Page - Gennum Corporation

부품명 GS1528-CTAE3
상세설명  HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528-CTAE3 데이터시트(HTML) 7 Page - Gennum Corporation

Back Button GS1528-CTAE3 Datasheet HTML 3Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 4Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 5Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 6Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 7Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 8Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 9Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 10Page - Gennum Corporation GS1528-CTAE3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GS1528 HD-LINX II Multi-Rate SDI Dual Slew-Rate
Cable Driver
Data Sheet
16632 - 9
August 2010
7 of 13
3. Detailed Description
3.1 Input Interfacing
SDI/SDI are high-impedance differential inputs (see Figure 2-1 for equivalent input
circuit).
Several conditions must be observed when interfacing to these inputs:
1. The differential input signal amplitude must be between 300 and 2000mVpp.
2. The common mode voltage range must be as specified in Table 1-1: DC Electrical
Characteristics.
3. For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS1528 inputs are self-biased, allowing for simple AC-coupling to the device. For
serial digital video, a minimum capacitor value of 4.7μF should be used to allow
coupling of pathological test signals. A tantalum capacitor is recommended.
3.2 SD/HD
The GS1528 SDO rise and fall times can be set to comply with both SMPTE 259M/344M
and SMPTE 292M. For all SMPTE 259M standards, or any data rate that requires longer
rise and fall time characteristics, the SD/HD pin must be set to a HIGH INPUT. For SMPTE
292M standards and signals which require faster rise and fall times, this pin should be
set to a LOW INPUT.
3.3 Output Interfacing
The GS1528 outputs are current mode, and will drive 800mV into a 75Ω load. These
outputs are protected from accidental static damage with internal static protection
diodes.
The SMPTE 292M, SMPTE 344M and SMPTE 259M standards requires that the output of
a cable driver have a source impedance of 75Ω and a return loss of at least 15dB between
5MHz and 1.485GHz.
In order for an SDI output circuit using the GS1528 to meet this specification, the output
circuit shown in the Typical Application Circuit is recommended.
The value of LCOMP will vary depending on the PCB layout, with a typical value of 5.6nH
(see the Application Information on page 11 in this data sheet for further details). A
4.7μF capacitor is used for AC-coupling the output of the GS1528. This value is chosen
to ensure that pathological signals can be coupled without a significant DC component
occurring.


유사한 부품 번호 - GS1528-CTAE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

유사한 설명 - GS1528-CTAE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com