전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1561 데이터시트(PDF) 8 Page - Gennum Corporation

부품명 GS1561
상세설명  HD-LINX II Dual-Rate Deserializer
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1561 데이터시트(HTML) 8 Page - Gennum Corporation

Back Button GS1561 Datasheet HTML 4Page - Gennum Corporation GS1561 Datasheet HTML 5Page - Gennum Corporation GS1561 Datasheet HTML 6Page - Gennum Corporation GS1561 Datasheet HTML 7Page - Gennum Corporation GS1561 Datasheet HTML 8Page - Gennum Corporation GS1561 Datasheet HTML 9Page - Gennum Corporation GS1561 Datasheet HTML 10Page - Gennum Corporation GS1561 Datasheet HTML 11Page - Gennum Corporation GS1561 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
GS1560A/GS1561 HD-LINX® II Dual-Rate Deserializer
Data Sheet
27360 - 12
June 2009
8 of 79
1.3 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
1
CP_VDD
Power
Power supply connection for the charge pump. Connect to +3.3V DC
analog.
2PDBUFF_GND
Power
Ground connection for the phase detector and serial digital input
buffers. Connect to analog GND.
3
PD_VDD
Power
Power supply connection for the phase detector. Connect to +1.8V DC
analog.
4
BUFF_VDD
Power
Power supply connection for the serial digital input buffers. Connect
to +1.8V DC analog.
5
CD1
Non
Synchronous
Input
STATUS SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the presence of a serial digital input signal. Normally
generated by a Gennum automatic cable equalizer.
When LOW, the serial digital input signal received at the DDI1 and
DDI1 pins is considered valid.
When HIGH, the associated serial digital input signal is considered to
be invalid. In this case, the LOCKED signal is set LOW and all parallel
outputs are muted.
6, 8
DDI1, DDI1
Analog
Input
Differential input pair for serial digital input 1.
7
TERM1
Analog
Input
Termination for serial digital input 1. AC couple to EQ_GND.
9DVB_ASINon
Synchronous
Input /
Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in slave mode.
This pin and its function are not supported in Master mode.
Slave Mode (MASTER/SLAVE = LOW)
When set HIGH in conjunction with SD/HD = HIGH and SMPTE_BYPASS
= LOW, the device will be configured to operate in DVB-ASI mode.
When set LOW, the device will not support the decoding or word
alignment of received DVB-ASI data.
10
IP_SEL
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select DDI1 / DDI1 or DDI2 / DDI2 as the serial digital input
signal, and CD1 or CD2 as the carrier detect input signal.
When set HIGH, DDI1 / DDI1 is selected as the serial digital input and
CD1 is selected as the carrier detect input signal.
When set LOW, DDI2 / DDI2 serial digital input and CD2 carrier detect
input signal is selected.


유사한 부품 번호 - GS1561

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1561 GENNUM-GS1561 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1561-CF GENNUM-GS1561-CF Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1561-CF GENNUM-GS1561-CF Datasheet
1Mb / 80P
   Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1561-CFE3 GENNUM-GS1561-CFE3 Datasheet
1Mb / 80P
   Dual-Rate Deserializer
More results

유사한 설명 - GS1561

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com