전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2974ACNTE3Z 데이터시트(PDF) 8 Page - Gennum Corporation

부품명 GS2974ACNTE3Z
상세설명  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACNTE3Z 데이터시트(HTML) 8 Page - Gennum Corporation

Back Button GS2974ACNTE3Z Datasheet HTML 4Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 5Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 6Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 7Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 8Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 9Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 10Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 11Page - Gennum Corporation GS2974ACNTE3Z Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
8 of 16
Test Circuit
Figure 2-1: Test Circuit
3. Input/Output Circuits
BERT Pattern
Generator
EXT.
CLOCK
CLOCK
OUT
DATA
OUT
EXT.
CLOCK
2.97GHz/1.485GHz/
270MHz
GS2974A
TEST BOARD
TDS 820
CH. 1
CH. 2
OUT
IN
OUT
EXT. TRIGGER
50/75
1694A CABLE
Figure 3-1: Input Equivalent Circuit
Figure 3-2: MCLADJ Equivalent Circuit
3k
3.6k
3k
3.6k
RC
SDI
SDI
VCC
MCLADJ
12.2k
150µ
+
-


유사한 부품 번호 - GS2974ACNTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2974ACNTE3Z SEMTECH-GS2974ACNTE3Z Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

유사한 설명 - GS2974ACNTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com