전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2975ACNTE3Z 데이터시트(PDF) 9 Page - Gennum Corporation

부품명 GS2975ACNTE3Z
상세설명  HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2975ACNTE3Z 데이터시트(HTML) 9 Page - Gennum Corporation

Back Button GS2975ACNTE3Z Datasheet HTML 5Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 6Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 7Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 8Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 9Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 10Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 11Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 12Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
GS2975A HD-LINX® III Multi-Rate SDI Automatic
Reclocker with Dual Differential Outputs
Data Sheet
41487 - 4
April 2009
9 of 27
Power Consumption
RCO/DD01 enabled
468
590
mW
–RCO/DD01 disabled
404
528
mW
Logic Inputs
DDI_SEL[1:0], BYPASS, AUTOBYPASS,
AUTO/MAN, ASI/177, DDO_MUTE
VIH
High
2.0
V
VIL
Low
0.8
V
Logic Outputs
SD/HD, LOCKED, LOS
VOH
IOH = -2mA
2.4
V
VOL
IOL = 2mA
0.4
V
Bi-Directional Pins (Manual Mode)
SS[2:0], AUTO/MAN = 0
VIH
High
2.0
V
VIL
Low
0.8
V
Bi-Directional Pins (Auto Mode)
SS[2:0], AUTO/MAN = 1
VOH
IOH = -2mA
2.4
V
VOL
IOL = 2mA
0.4
V
XTAL_OUT+, XTAL_OUT-
VOH
High
VCC - 0.075
V
VOL
Low
VCC - 0.300
V
RCO_MUTE
I = -1.5mA
VCC - 0.165
VCC
VCC + 0.165
V
Serial Input Voltage
Common Mode
1.65 +
(VSID/2)
–VCC -
(VSID/2)
V
Serial Output Voltage
DDO0/DDO0,
RCO/DDO1 / RCO/DDO1
Common Mode
VCC - (VOD/2)
V
Table 2-1: DC Electrical Characteristics (Continued)
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown. Typical values: VCC = 3.3V and TA =25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units


유사한 부품 번호 - GS2975ACNTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
More results

유사한 설명 - GS2975ACNTE3Z

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com