전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EEFGX0D331R 데이터시트(HTML) 1 Page - Panasonic Semiconductor

부품명 EEFGX0D331R
상세내용  SP-Cap/ Polymer Aluminum Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo 

EEFGX0D331R 데이터시트(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
SP-Cap/ Polymer Aluminum Capacitors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EE19 –
PP
L
W1
+
-
Cap.
Polarity bar (Positive)
W.V. code
Lot No.
Features
● Super Low-ESR (3 m )
● High temperature reflow soldering applicable
(Peak : 260 °C 10s, main heating : 230 °C 40s)
● RoHS directive compliant
Surface Mount Type
Series:
G
Specifications
Category Temp. Range
–40 °C to +105 °C
Rated W.V.Range
2 V.DC
Nominal Cap.Range
330 µF to 470 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.1 CV (µA) 2 minutes
tan
δ
< 0.06 (120 Hz/+20 °C)
Surge VoltageRated Working Voltage
1.25 (15 °C to 35 °C)
Endurance
After applying rated working voltage for 1000 hours at 105 °C±2 °C, and then being stabilized at +20 °C,
capacitor shall meet the following limits.
Capacitance change
±10% of initial measured value
tan
δ
< Initial specified value
DC leakage current
< Initial specified value
Moisture resistance
After storing for 500 hours at 60 °C, 90 %
Capacitance change of
initial measurd value
2 V.DC
+70, –20 %
tan
δ
< 200 % of initial specified value
DC leakage current
< Initial specified value
Dimensions in mm(not to scale)
Marking
(mm)
✽ Externals of figure are the reference.
L±0.2
W1±0.2
W2±0.1
H±0.2
P±0.3
7.3
4.3
2.4
1.9
1.3
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(µF)
Case Size
Specification
Part number
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m max.)
✽3
Reflow condition : 240 °C
✽3
Reflow condition : 260 °C
[Proposal]
GX
2
330
7.3
4.3
1.9
4.0
3
EEFGX0D331R
3500
470
7.3
4.3
1.9
4.0
3
EEFGX0D471R
3500
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please confirm EE25 in detail of the Mouting Specifications.
Standard Products
Sep. 2010
00


Html Pages

1 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn