전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802109UMG 데이터시트(PDF) 5 Page - Micrel Semiconductor

부품명 SM802109UMG
상세설명  ClockWorks??PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802109UMG 데이터시트(HTML) 5 Page - Micrel Semiconductor

  SM802109UMG Datasheet HTML 1Page - Micrel Semiconductor SM802109UMG Datasheet HTML 2Page - Micrel Semiconductor SM802109UMG Datasheet HTML 3Page - Micrel Semiconductor SM802109UMG Datasheet HTML 4Page - Micrel Semiconductor SM802109UMG Datasheet HTML 5Page - Micrel Semiconductor SM802109UMG Datasheet HTML 6Page - Micrel Semiconductor SM802109UMG Datasheet HTML 7Page - Micrel Semiconductor SM802109UMG Datasheet HTML 8Page - Micrel Semiconductor SM802109UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
SM802109
September 2011
5
M9999-092911-B
hbwhelp@micrel.com or (408) 955-1690
TAL_SEL) DC Electrical Characteristics
(4)
D
±5% A
40
°C to +85°C.
ymbo
Condition
Min.
Ty
Max.
Units
LVCMOS (PLL_BYPASS, X
VD = 3.3V ±5%, or 2.5V
, T =
S
l
Parameter
p.
VIH
o
2
VDD + 0.3
V
Input High V ltage
VIL
o
−0.3
0.8
V
Input Low V ltage
IIH
Input High Current
VDD = VIN = 3.465V
150
μA
IIL
Input Low Current
VDD = 3.465V, VIN = 0V
−150
μA
REF_IN DC Electrical Characteristics
(4)
VDD = 3.3V ±5%, or 2.5V ±
Symbol
Pa
ter
Min.
Ty
Max.
Units
5%, TA = −40°C to +85°C.
rame
Condition
p.
VIH
Input High Voltage
1.1
VDD + 0.3
V
VIL
Input Low Voltage
−0.3
0.6
V
XTAL_SEL = VIL, VIN = 0V
D
5
μA
to VD
5
IIN
Input Current
VIH, VIN = VDD
20
µA
XTAL_SEL =
Crystal Characteristics
Parameter
Condition
Min.
Typ.
Max.
Units
Mode of Oscillation
10pF to 12pF Load
Fundamental, Parallel Resonant
Frequency
25
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitor, C0
1
5
pF
Correlation Drive Level
10
100
µW


유사한 부품 번호 - SM802109UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMG MICREL-SM802101UMG Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802101UMGR MICREL-SM802101UMGR Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802104 MICREL-SM802104 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802104UMG MICREL-SM802104UMG Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

유사한 설명 - SM802109UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802101 MICREL-SM802101 Datasheet
558Kb / 12P
   ClockWorks??PCI-e Octal 100MHz/200MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
   ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
   ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
PL607041 MICREL-PL607041 Datasheet
565Kb / 11P
   ClockWorks짰 PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Microchip Technology
MX575ABJ100M000 MICROCHIP-MX575ABJ100M000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 100MHz HCSL XO
July 11, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
   PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com