전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3053BRWZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADM3053BRWZ
상세설명  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3053BRWZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADM3053BRWZ Datasheet HTML 5Page - Analog Devices ADM3053BRWZ Datasheet HTML 6Page - Analog Devices ADM3053BRWZ Datasheet HTML 7Page - Analog Devices ADM3053BRWZ Datasheet HTML 8Page - Analog Devices ADM3053BRWZ Datasheet HTML 9Page - Analog Devices ADM3053BRWZ Datasheet HTML 10Page - Analog Devices ADM3053BRWZ Datasheet HTML 11Page - Analog Devices ADM3053BRWZ Datasheet HTML 12Page - Analog Devices ADM3053BRWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM3053
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
160
0
20
40
60
80
100
120
140
100
1000
DATA RATE (kbps)
VCC = 4.5V, VIO = 5V
VCC = 5.5V, VIO = 5V
VCC = 5V, VIO = 5V
Figure 5. Supply Current, ICC vs. Data Rate
50
45
40
35
30
25
20
15
10
5
0
0
10
20
30
40
50
60
70
80
RESISTANCE, RS (Ω)
Figure 6. Driver Slew Rate vs. Resistance, RS
5.5
4.5
3.5
2.5
1.5
0.5
100
1000
DATA RATE (kbps)
VIO = 3.3V
VIO = 5V
Figure 7. Supply Current, IIO vs. Data Rate
180
175
170
165
160
155
150
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V
VCC = 5V, VIO = 3.3V
Figure 8. Receiver Input Hysteresis vs. Temperature
53
52
51
50
49
48
47
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V
VCC = 5V, VIO = 3.3V
Figure 9. Propagation Delay from TxD On to Bus Active vs. Temperature
96
94
92
90
88
86
84
82
80
78
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V
VCC = 5V, VIO = 3.3V
Figure 10. Propagation Delay from TxD Off to Bus Inactive vs. Temperature


유사한 부품 번호 - ADM3053BRWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3053BRWZ AD-ADM3053BRWZ Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
ADM3053BRWZ AD-ADM3053BRWZ Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
ADM3053BRWZ-REEL7 AD-ADM3053BRWZ-REEL7 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
ADM3053BRWZ-REEL7 AD-ADM3053BRWZ-REEL7 Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
More results

유사한 설명 - ADM3053BRWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3053 AD-ADM3053_V01 Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
   Isolated DC-to-DC Converter
REV. 0
logo
Texas Instruments
ISOW1044 TI-ISOW1044_V02 Datasheet
3Mb / 45P
[Old version datasheet]   ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
ISOW1044 TI-ISOW1044_V01 Datasheet
3Mb / 45P
[Old version datasheet]   ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
   INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Vicor Corporation
DCM3714XD2H31E0YZZ VICOR-DCM3714XD2H31E0YZZ Datasheet
1Mb / 23P
   Isolated, regulated DC-to-DC converter
logo
Rohm
BP5324A ROHM-BP5324A Datasheet
412Kb / 3P
   Isolated DC/DC Converter
logo
Powerex Power Semicondu...
VLA106-24151 POWEREX-VLA106-24151 Datasheet
390Kb / 2P
   Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com