전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3251E_VE 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM3251E_VE
상세설명  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3251E_VE 데이터시트(HTML) 4 Page - Analog Devices

  ADM3251E_VE Datasheet HTML 1Page - Analog Devices ADM3251E_VE Datasheet HTML 2Page - Analog Devices ADM3251E_VE Datasheet HTML 3Page - Analog Devices ADM3251E_VE Datasheet HTML 4Page - Analog Devices ADM3251E_VE Datasheet HTML 5Page - Analog Devices ADM3251E_VE Datasheet HTML 6Page - Analog Devices ADM3251E_VE Datasheet HTML 7Page - Analog Devices ADM3251E_VE Datasheet HTML 8Page - Analog Devices ADM3251E_VE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM3251E
Rev. E | Page 4 of 16
All voltages are relative to their respective ground; all minimum/maximum specifications apply over the entire recommended operating
range; TA = 25°C, VCC = 3.3 V (dc-to-dc converter disabled), and the secondary side is powered externally by VISO = 3.3 V, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
VCC Operating Voltage Range
3.0
3.7
V
DC-to-DC Converter Disable Threshold, VCC(DISABLE)1
3.7
V
DC-to-DC Converter Disabled
VISO2
3.0
5.5
V
Primary Side Supply Input Current, ICC(DISABLE)
2.5
mA
No load
Secondary Side Supply Input Current, IISO(DISABLE)
12
mA
VISO = 5.5 V, RL = 3 kΩ
Secondary Side Supply Input Current, IISO(DISABLE)
6.2
mA
RL = 3 kΩ
LOGIC
Transmitter Input, TIN
Logic Input Current, ITIN
−10
+0.01
+10
μA
Logic Low Input Threshold, VTINL
0.3 VCC
V
Logic High Input Threshold, VTINH
0.7 VCC
V
Receiver Output, ROUT
Logic High Output, VROUTH
VCC − 0.1
VCC
V
IROUTH = −20 μA
VCC − 0.5
VCC − 0.3
V
IROUTH = −4 mA
Logic Low Output, VROUTL
0.0
0.1
V
IROUTH = 20 μA
0.3
0.4
V
IROUTH = 4 mA
RS-232
Receiver, RIN
EIA-232 Input Voltage Range3
−30
+30
V
EIA-232 Input Threshold Low
0.6
1.3
V
EIA-232 Input Threshold High
1.6
2.4
V
EIA-232 Input Hysteresis
0.3
V
EIA-232 Input Resistance
3
5
7
Transmitter, TOUT
Output Voltage Swing (RS-232)
±5
±5.7
V
RL = 3 kΩ to GND
Transmitter Output Resistance
300
Ω
VISO = 0 V
Output Short-Circuit Current (RS-232)
±11
mA
TIMING CHARACTERISTICS
Maximum Data Rate
460
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF
Receiver Propagation Delay
tPHL
190
ns
tPLH
135
ns
Transmitter Propagation Delay
650
ns
RL = 3 kΩ, CL = 1000 pF
Transmitter Skew
80
ns
Receiver Skew
55
ns
Transition Region Slew Rate3
5.5
10
30
V/μs
+3 V to −3 V or −3 V to +3 V, VCC = 3.3 V,
RL = 3 kΩ, CL = 1000 pF, TA = 25°C
AC SPECIFICATIONS
Output Rise/Fall Time, tR/tF (10% to 90%)
2.3
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity at Logic High Output4
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
Common-Mode Transient Immunity at Logic Low Output4
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
ESD PROTECTION (RIN AND TOUT PINS)
±15
kV
Human body model air discharge
±8
kV
Human body model contact discharge
1 Enable/disable threshold is the VCC voltage at which the internal dc-to-dc converter is enabled/disabled.
2 To maintain data sheet specifications, do not draw current from VISO.
3 Guaranteed by design.
4 VCM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.


유사한 부품 번호 - ADM3251E_VE

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results

유사한 설명 - ADM3251E_VE

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com