전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM3053BRWZ-REEL7 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM3053BRWZ-REEL7
상세설명  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM3053BRWZ-REEL7 데이터시트(HTML) 4 Page - Analog Devices

  ADM3053BRWZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3053BRWZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3053
Rev. 0 | Page 4 of 20
TIMING SPECIFICATIONS
All voltages are relative to their respective ground; 3.0 V ≤ VIO ≤ 5.5 V; 4.5 V ≤ VCC ≤ 5.5 V. TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DRIVER
Maximum Data Rate
1
Mbps
Propagation Delay from TxD On to Bus Active
tonTxD
90
ns
RS = 0 Ω; see Figure 2 and Figure 24
RL = 60 Ω, CL = 100 pF
Propagation Delay from TxD Off to Bus Inactive
toffTxD
120
ns
RS = 0 Ω; see Figure 2 and Figure 24
RL = 60 Ω, CL = 100 pF
RECEIVER
Propagation Delay from TxD On to Receiver Active
tonRxD
200
ns
RS = 0 Ω; see Figure 2
630
ns
RS = 47 kΩ; see Figure 2
Propagation Delay from TxD Off to Receiver Inactive1
toffRxD
250
ns
RS = 0 Ω; see Figure 2
480
ns
RS = 47 kΩ; see Figure 2
CANH, CANL SLEW RATE
|SR|
7
V/µs
RS = 47 kΩ
1
Guaranteed by design and characterization.
SWITCHING CHARACTERISTICS
0.25VIO
0.9V
VOR
VOD
0V
0V
VIO
0.5V
0.4V
VDIFF
VRxD
VIO
VTxD
VIO – 0.3V
0.7VIO
VDIFF = VCANH – VCANL
tonTxD
toffTxD
tonRxD
toffRxD
Figure 2. Driver Propagation Delay, Rise/Fall Timing


유사한 부품 번호 - ADM3053BRWZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3053BRWZ-REEL7 AD-ADM3053BRWZ-REEL7 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
ADM3053BRWZ-REEL7 AD-ADM3053BRWZ-REEL7 Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
More results

유사한 설명 - ADM3053BRWZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM3053 AD-ADM3053_V01 Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
   Signal and Power Isolated CAN Transceiver
REV. A
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
   Isolated DC-to-DC Converter
REV. 0
logo
Texas Instruments
ISOW1044 TI-ISOW1044_V02 Datasheet
3Mb / 45P
[Old version datasheet]   ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
ISOW1044 TI-ISOW1044_V01 Datasheet
3Mb / 45P
[Old version datasheet]   ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
   INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Vicor Corporation
DCM3714XD2H31E0YZZ VICOR-DCM3714XD2H31E0YZZ Datasheet
1Mb / 23P
   Isolated, regulated DC-to-DC converter
logo
Rohm
BP5324A ROHM-BP5324A Datasheet
412Kb / 3P
   Isolated DC/DC Converter
logo
Powerex Power Semicondu...
VLA106-24151 POWEREX-VLA106-24151 Datasheet
390Kb / 2P
   Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com