전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

455600160 데이터시트(PDF) 25 Page - Molex Electronics Ltd.

부품명 455600160
상세설명  0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

455600160 데이터시트(HTML) 25 Page - Molex Electronics Ltd.

Back Button 455600160 Datasheet HTML 19Page - Molex Electronics Ltd. 455600160 Datasheet HTML 20Page - Molex Electronics Ltd. 455600160 Datasheet HTML 21Page - Molex Electronics Ltd. 455600160 Datasheet HTML 22Page - Molex Electronics Ltd. 455600160 Datasheet HTML 23Page - Molex Electronics Ltd. 455600160 Datasheet HTML 24Page - Molex Electronics Ltd. 455600160 Datasheet HTML 25Page - Molex Electronics Ltd. 455600160 Datasheet HTML 26Page - Molex Electronics Ltd. 455600160 Datasheet HTML 27Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
HANDYLINK™
APPLICATION SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-1982
B
DATE:
2009/02/09
TITLE:
APPLICATION SPECIFICATION
HANDYLINK™I/O CONNECTOR SYSTEM
25 of 27
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-45560-001
M. Simmel/D. Morgan
M. Ibarra
S. Miller
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
25
In addition to the differences in the position and size of the openings in the cradle casing, the PCB location for the 45560 and 45593
connectors, and the chamfer detail applicable to 45593 that is shown in Figures 16 thru 18. Figures 20 through 22 illustrate details
necessary to achieve a good ‘rocking’ design.
Figure 20. Front View of Shelf-Style Cradle
Figure 21. Section View of Shelf-Style Cradle (units: mm)
BACK SUPPORT
(REQUIRED)


유사한 부품 번호 - 455600160

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
More results

유사한 설명 - 455600160

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
455600161 MOLEX-455600161 Datasheet
1Mb / 27P
   0.8MM HANDYLINK 16 CKT CRADLE CONN. ASSY PERPENDICULAR TO PCB
448281162 MOLEX-448281162 Datasheet
1Mb / 27P
   0.8MM HANDYLINK SMT RECEPTACLE 16 CIRCUIT
455931607 MOLEX-455931607 Datasheet
924Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR PCB TERMINATION
logo
SUYIN USA, INC.
300001MA003XX00XX SUYIN-USA-300001MA003XX00XX Datasheet
79Kb / 1P
   3.00mm PITCH BATTERY CONN-CRADLE
300004MB004XX00XX SUYIN-USA-300004MB004XX00XX Datasheet
79Kb / 1P
   3.00mm pitch battery conn-cradle
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
   0.8mM BOARD TO BOARD PLUG ASSY
logo
Molex Electronics Ltd.
0453391604 MOLEX11-0453391604 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391603 MOLEX11-0453391603 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
0453391602 MOLEX11-0453391602 Datasheet
916Kb / 26P
   0.8MM HANDYLINK PLUG CONNECTOR MODULES FOR WIRE TERMINATION
logo
FCI connector
61082 FCI-CONNECTOR-61082 Datasheet
473Kb / 6P
   BERCSTAK 0.8MM RECEPTACLE ASSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com