전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDV-185-350C 데이터시트(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

부품명 LDV-185-350C
상세설명  185W Multiple Channel Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDV-185-350C 데이터시트(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LDV-185-350C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDV-185-350C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDV-185-350C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
80
82
84
86
88
90
92
94
96
98
100
60%
70%
80%
90%
100%
277VAC
230VAC
FileName:LDV-185-SPEC2011-12-06
L D V- 1 8 5 series
185WMultipleChannelOutputSwitchingPowerSupply
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
15
30
50
60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
180
200
210
220
230
240 250
260
270
280
290
295
100
90
80
70
60
50
40
(HORIZONTAL)
DETECTION
PWM
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
LED+
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
BlockDiagram
LED
DRIVER
O.T.P.
LED-
PowerFactorCharacteristic
Powerfactorwillbehigherthan0.9whenoutputloadingis75%orhigher.
EFFICIENCY vsLOAD(350CModel)
LOAD
0. 84
0. 86
0. 88
0. 9
0. 92
0. 94
0. 96
0. 98
75%
80%
85%
90%
95%
100%
277VAC
230VAC
LOAD
ConstantCurrentMode
185W


유사한 부품 번호 - LDV-185-350C

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
LDV-185-350C MEANWELL-LDV-185-350C Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350C MEANWELL-LDV-185-350C Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
More results

유사한 설명 - LDV-185-350C

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
LDV-185 MEANWELL-LDV-185 Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com