전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDV-185 데이터시트(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

부품명 LDV-185
상세설명  185W Multiple Channel Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDV-185 데이터시트(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LDV-185 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDV-185 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDV-185 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:LVD-185-SPEC 2011-12-06
CaseNo.LDV-185A
Unit:mm
L D V- 1 8 5 series
222.2
198.2
12
9.6
4.2 4PL
185WMultipleChannelOutputSwitchingPowerSupply
300 20
AC/L(Brown)
AC/N(Blue)
1.0mm 3CH05BN4-F
2
FG(Green/Yellow)
150 20
22AWG 12C
150 20
24AWG 16C
1
5
6
9
10
11
12
WireColor
WATERPROOFCONNECTION
PinConfiguration(male) PinDefinition
AC
source
LDV-185
I/P
Pindefinition
1
6
9
10
11
12
LED
for
eachchannel
-
V
PinConfiguration(female)
Pin
12Pin
15Pin
15
NC
13~14
LED
for
eachchannel
7~12
LED
1~6
WireStock
24AWG*16C
22AWG*12C
L=300 10
O/P Connection
LED
LED
12
LED
13
LED
NC
LED
1~6
7~12
YELLOW/GREEN
WHITE
CLEARLUCITE
PURPLE
1
6
8
10
11
12
13
14
15
1
6
10
11
12
13
14
15
O/P Connection(Female)
MaleWaterproofOutputConnectorWithCable
14
15
11
7
8
9
10
6
2
3
4
5
1
12
11
7
8
9
10
6
2
3
4
5
1
GRAY
BLUE
WHITE/BLACK
RED
ORANGE
GREEN
RED
BROWN
BLUE
YELLOW
GRAY
WHITE/RED
ORANGE
WHITE
WHITE/ORANGE
PURPLE
CLEARLUCITE/PURPLE
CLEARLUCITE/BLUE
YELLOW
BLACK
-
V
WHITE/YELLOW
O/P cable2
O/P cable1
Cable
Cable2
Cable1
2
3
4
8
7
5
9
2
3
4
7
5
1
6
9
10
11
12
2
3
4
8
7
5
9
4
2
10
11
15
14
13
12
1
8
7
6
3
5
NOTE:1.Cable1and2for350mA models,Cable1for700mA models
2.EachchannelofLED-mustbeisolated
3.Pin1~4(LED
)&pin7~10(LED
)ofcable1mustbe usedwhenconnectedtoLEDloads,donotfloating,orthePSUcan tstartup
'
Maleconnectionwithcable(option)
T case
DS-LDV185-OPA
DS-LDV185-OPB
80
OrderNO.
MEANWELL offersmalewaterproofconnectorswithcablelengthof300mm
asourstandardmatingaccessories,PowerSupplyunitandmatingaccessory
shouldbeorderedseparately.


유사한 부품 번호 - LDV-185

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
LDV-185 MEANWELL-LDV-185 Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350A MEANWELL-LDV-185-350A Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350A MEANWELL-LDV-185-350A Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185-350B MEANWELL-LDV-185-350B Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350B MEANWELL-LDV-185-350B Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
More results

유사한 설명 - LDV-185

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
LDV-185 MEANWELL-LDV-185 Datasheet
218Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com