전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D4L20U 데이터시트(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

부품명 D4L20U
상세설명  Super Fast Recovery Rectifiers (200V 4A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D4L20U 데이터시트(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  D4L20U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D4L20U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D4L20U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D4L20U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D4L20U Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D4L20U Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D4L20U Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
0
tp
IO
T
D=tp/T
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
120
140
160
D4L20U
0.3
Derating Curve
VR = VRM
SIN
0.2
0.1
D=0.8
DC
0.5
0.05
0
VR
Case Temperature Tc [
°C]


유사한 부품 번호 - D4L20U

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
   Super Fast Recovery Rectifiers(400V 4A)
More results

유사한 설명 - D4L20U

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
D4SBL20U SHINDENGEN-D4SBL20U Datasheet
350Kb / 7P
   Super Fast Recovery Rectifiers(200V 4A)
D4SBL40 SHINDENGEN-D4SBL40 Datasheet
472Kb / 7P
   Super Fast Recovery Rectifiers(400V 4A)
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
   Super Fast Recovery Rectifiers(400V 4A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
   Super Fast Recovery Rectifiers(200V 8A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
   Super Fast Recovery Rectifiers(200V 1A)
D20LC20U SHINDENGEN-D20LC20U Datasheet
379Kb / 6P
   Super Fast Recovery Rectifiers(200V 20A)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com