์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DE5L60 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

๋ถ€ํ’ˆ๋ช… DE5L60
์ƒ์„ธ๋‚ด์šฉ  Super Fast Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
ํ™ˆํŽ˜์ด์ง€  http://www.shindengen.co.jp/
Logo 

DE5L60 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 1 / 6 page
background image
DE5L60
600V 5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Case : E-pack
โ— SMT
โ— High Voltage
โ— trr50ns
โ— PFC
โ— Switching power supply
โ— Free Wheel
โ— Home Appliances, Office Equipment,
Factory Automation
FEATURES
APPLICATION
โ—Absolute Maximum Ratings (If not specified Tc=25โ„ƒ)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55โˆผ150
โ„ƒ
Operating Junction Temperature
Tj
150
โ„ƒ
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=57โ„ƒ
5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25โ„ƒ
60
A
โ—Electrical Characteristics (If not specified Tc=25โ„ƒ)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=5A,
Pulse measurement
Max.2.00
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
ฮผA
Reverse Recovery Time
trr
IF=0.5A,โ€ƒ I R=1A
Max.50
ns
Thermal Resistance
ฮธjc
junction to case
Max.12
โ„ƒ/W
Super Fast Recovery Rectifiers
Single


Html Pages

1  2  3  4  5  6 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
DE5LC40Super Fast Recovery Rectifiers 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
D8LC40Super Fast Recovery Rectifiers 400V 8A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
D4L20USuper Fast Recovery Rectifiers 200V 4A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
ED802CSDPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes 1 2 Pan Jit International Inc.
RM400HA-34SSuper Fast Recovery Single Diode Module 400 Amperes/1700 Volts 1 2 3 4 Powerex Power Semiconductors
SF4001Super Fast Soft Recovery Rectifier 1 2 3 4 5 Vishay Siliconix
MR8503.0 AMPS. FAST RECOVERY RECTIFIERS 1 2 Jinan Gude Electronic Device
D1NL20USuper Fast Recovery Rectifiers 200V 1A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
D4SBL40Super Fast Recovery Rectifiers 400V 4A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
S3L40Super Fast Recovery Rectifiers 400V 3A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn