전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM21LD16 데이터시트(PDF) 10 Page - Ramtron International Corporation

부품명 FM21LD16
상세설명  2Mbit F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16 데이터시트(HTML) 10 Page - Ramtron International Corporation

Back Button FM21LD16_11 Datasheet HTML 6Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 7Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 8Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 9Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 10Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 11Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 12Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 13Page - Ramtron International Corporation FM21LD16_11 Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.1
Apr. 2011
Page 10 of 15
Read Cycle AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tRC
Read Cycle Time
110
-
ns
tCE
Chip Enable Access Time
-
60
ns
tAA
Address Access Time
-
110
ns
tOH
Output Hold Time
20
-
ns
tAAP
Page Mode Address Access Time
-
25
ns
tOHP
Page Mode Output Hold Time
5
-
ns
tCA
Chip Enable Active Time
60
10,000
ns
tPC
Precharge Time
50
-
ns
tBA
/UB, /LB Access Time
-
20
ns
tAS
Address Setup Time (to /CE low)
0
-
ns
tAH
Address Hold Time (/CE-controlled)
60
-
ns
tOE
Output Enable Access Time
-
15
ns
tHZ
Chip Enable to Output High-Z
-
10
ns
1
tOHZ
Output Enable High to Output High-Z
-
10
ns
1
tBHZ
/UB, /LB High to Output High-Z
-
10
ns
1
Write Cycle AC Parameters (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tWC
Write Cycle Time
110
-
ns
tCA
Chip Enable Active Time
60
10,000
ns
tCW
Chip Enable to Write Enable High
60
-
ns
tPC
Precharge Time
50
-
ns
tPWC
Page Mode Write Enable Cycle Time
25
-
ns
tWP
Write Enable Pulse Width
16
-
ns
tAS
Address Setup Time (to /CE low)
0
-
ns
tASP
Page Mode Address Setup Time (to /WE low)
8
-
ns
tAHP
Page Mode Address Hold Time (to /WE low)
15
-
ns
tWLC
Write Enable Low to /CE High
25
-
ns
tBLC
/UB, /LB Low to /CE High
25
-
ns
tWLA
Write Enable Low to A(16:2) Change
25
-
ns
tAWH
A(16:2) Change to Write Enable High
110
-
ns
tDS
Data Input Setup Time
14
-
ns
tDH
Data Input Hold Time
0
-
ns
tWZ
Write Enable Low to Output High Z
-
10
ns
1
tWX
Write Enable High to Output Driven
10
-
ns
1
tWS
Write Enable to /CE Low Setup Time
0
-
ns
2
tWH
Write Enable to /CE High Hold Time
0
-
ns
2
Notes
1
This parameter is characterized but not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs. The parameters tWS and tWH
are not tested.
Capacitance (TA = 25° C , f=1 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
CIN
Input Capacitance
-
6
pF


유사한 부품 번호 - FM21LD16_11

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM21LD16-60-BG RAMTRON-FM21LD16-60-BG Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BG CYPRESS-FM21LD16-60-BG Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

유사한 설명 - FM21LD16_11

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com