전자부품 데이터시트 검색엔진 |
|
FM25CL64B-G 데이터시트(PDF) 9 Page - Ramtron International Corporation |
|
FM25CL64B-G 데이터시트(HTML) 9 Page - Ramtron International Corporation |
9 / 14 page FM25CL64B - 64Kb 3V SPI F-RAM Rev. 1.2 Feb. 2011 Page 9 of 14 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +5.0V VIN Voltage on any pin with respect to VSS -1.0V to +5.0V and VIN < VDD+1.0V TSTG Storage Temperature -55 °C to + 125°C TLEAD Lead Temperature (Soldering, 10 seconds) 260 ° C VESD Electrostatic Discharge Voltage - Human Body Model (AEC-Q100-002 Rev. E) - Charged Device Model (AEC-Q100-011 Rev. B) - Machine Model (AEC-Q100-003 Rev. E) 4kV 1.25kV 300V Package Moisture Sensitivity Level MSL-1 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40 ° C to + 85° C, VDD = 2.7V to 3.65V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Power Supply Voltage 2.7 3.3 3.65 V IDD VDD Supply Current @ SCK = 1.0 MHz @ SCK = 20.0 MHz - - 0.2 3.0 mA mA 1 ISB Standby Current - 3 6 µA 2 ILI Input Leakage Current - ±1 µA 3 ILO Output Leakage Current - ±1 µA 3 VIH Input High Voltage 0.7 VDD VDD + 0.3 V VIL Input Low Voltage -0.3 0.3 VDD V VOH Output High Voltage @ IOH = -2 mA VDD – 0.8 - V VOL Output Low Voltage @ IOL = 2 mA - 0.4 V VHYS Input Hysteresis 0.05 VDD - V 4 Notes 1. SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V. 2. SCK = SI = /CS=VDD. All inputs VSS or VDD. 3. VSS ≤ VIN ≤ VDD and VSS ≤ VOUT ≤ VDD. 4. Characterized but not 100% tested in production. Applies only to /CS and SCK pins. |
유사한 부품 번호 - FM25CL64B-G |
|
유사한 설명 - FM25CL64B-G |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |