전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L04B-G 데이터시트(PDF) 7 Page - Ramtron International Corporation

부품명 FM25L04B-G
상세설명  4Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L04B-G 데이터시트(HTML) 7 Page - Ramtron International Corporation

Back Button FM25L04B-G Datasheet HTML 3Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 4Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 5Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 6Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 7Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 8Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 9Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 10Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FM25L04B - 4Kb 3V SPI F-RAM
Rev. 1.3
Feb. 2011
Page 7 of 14
Table 4. Write Protection
WEL
/WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
Protected
Protected
Protected
1
0
Protected
Protected
Protected
1
1
Protected
Unprotected
Unprotected
Memory Operation
The SPI interface, which is capable of a relatively
high clock frequency, highlights the fast write
capability of the F-RAM technology. Unlike SPI-bus
EEPROMs, the FM25L04B can perform sequential
writes at bus speed. No page register is needed and
any number of sequential writes may be performed.
Write Operation
All writes to the memory array begin with a WREN
op-code. The next op-code is the WRITE instruction.
This op-code must include the address MSB. It is
followed by a single byte address value. In total, the
9-bits specify the address of the first byte of the write
operation. Subsequent bytes are data and they are
written sequentially. Addresses are incremented
internally as long as the bus master continues to issue
clocks. If the last address of 1FFh is reached, the
counter will roll over to 000h. Data is written MSB
first. A write operation is shown in Figure 9.
Unlike EEPROMs, any number of bytes can be
written sequentially and each byte is written to
memory immediately after it is clocked in (after the
8th clock). The rising edge of /CS terminates a
WRITE op-code operation. Asserting /WP active in
the middle of a write operation will have no effect
until the byte being written has completed.
Read Operation
After the falling edge of /CS, the bus master can issue
a READ op-code. This op-code must include the
address MSB. It is followed by a single byte address
value. In total, the 9-bits specify the address of the
first byte of the read operation. After the op-code and
address are complete, the SI line is ignored. The bus
master issues 8 clocks, with one bit read out for each.
Addresses are incremented internally as long as the
bus master continues to issue clocks. If the last
address of 1FFh is reached, the counter will roll over
to 000h. Data is read MSB first. The rising edge of
/CS terminates a READ op-code operation. A read
operation is shown in Figure 10.
Hold
The /HOLD pin can be used to interrupt a serial
operation without aborting it. If the bus master pulls
the /HOLD pin low while SCK is low, the current
operation will pause. Taking the /HOLD pin high
while SCK is low will resume an operation. The
transitions of /HOLD must occur while SCK is low,
but the SCK and /CS pins can toggle during a hold
state.
Figure 9. Memory Write (WREN not shown)
Figure 10. Memory Read


유사한 부품 번호 - FM25L04B-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25L04B-G CYPRESS-FM25L04B-G Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-GA CYPRESS-FM25L04B-GA Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-GATR CYPRESS-FM25L04B-GATR Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-GTR CYPRESS-FM25L04B-GTR Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25L04B-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com