전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L16B-GTR 데이터시트(PDF) 8 Page - Ramtron International Corporation

부품명 FM25L16B-GTR
상세설명  16Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B-GTR 데이터시트(HTML) 8 Page - Ramtron International Corporation

Back Button FM25L16B-GTR Datasheet HTML 4Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 8 of 14
Figure 9. Memory Write (WREN not shown)
Figure 10. Memory Read
Endurance
The FM25L16B devices are capable of being
accessed at least 10
14 times, reads or writes. An F-
RAM memory operates with a read and restore
mechanism. Therefore, an endurance cycle is applied
on a row basis for each access (read or write) to the
memory array. The F-RAM architecture is based on
an array of rows and columns. Rows are defined by
A10-A3 and column addresses by A2-A0. See Block
Diagram (pg 2) which shows the array as 256 rows of
64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 20MHz clock rate.
Table 5. Time to Reach Endurance Limit for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
Limit
20
37,310
1.18 x 10
12
85.1
10
18,660
5.88 x 10
11
170.2
5
9,330
2.94 x 10
11
340.3
0
1
2
3
4567
0
1
2
34
5
6
4567
0
1
2
34567
op-code
0
0
0
0
0
0
1
MSB
11-bit Address
XX
X
X
X
10
9
321
0
76
54
3
2
10
LSB
MSB
LSB
CS
SCK
SI
SO
Data
1
0
1
2
3
4
567
0
1
2
34
5
4
567
0
1
2
34
5
6
7
op-code
0
0
0
0
0
0
1
0
MSB
11-bit Address
X
X
XX
X
10
3
2
1
0
76
54
321
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
9
6


유사한 부품 번호 - FM25L16B-GTR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25L16B-GTR CYPRESS-FM25L16B-GTR Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-GTR CYPRESS-FM25L16B-GTR Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25L16B-GTR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com