전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L16B-GTR 데이터시트(PDF) 11 Page - Ramtron International Corporation

부품명 FM25L16B-GTR
상세설명  16Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B-GTR 데이터시트(HTML) 11 Page - Ramtron International Corporation

Back Button FM25L16B-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 12Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 13Page - Ramtron International Corporation FM25L16B-GTR Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 11 of 14
Serial Data Bus Timing
/Hold Timing
CS
SCK
SO
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
Power Cycle Timing (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
10
-
ms
tPD
Last Access Complete to VDD(min)
0
-
µs
tVR
VDD Rise Time
30
-
µs/V
1
tVF
VDD Fall Time
100
-
µs/V
1
Notes
1.
Slope measured at any point on VDD waveform.


유사한 부품 번호 - FM25L16B-GTR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25L16B-GTR CYPRESS-FM25L16B-GTR Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-GTR CYPRESS-FM25L16B-GTR Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25L16B-GTR

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com