전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25V05 데이터시트(PDF) 3 Page - Ramtron International Corporation

부품명 FM25V05
상세설명  512Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V05 데이터시트(HTML) 3 Page - Ramtron International Corporation

  FM25V05 Datasheet HTML 1Page - Ramtron International Corporation FM25V05 Datasheet HTML 2Page - Ramtron International Corporation FM25V05 Datasheet HTML 3Page - Ramtron International Corporation FM25V05 Datasheet HTML 4Page - Ramtron International Corporation FM25V05 Datasheet HTML 5Page - Ramtron International Corporation FM25V05 Datasheet HTML 6Page - Ramtron International Corporation FM25V05 Datasheet HTML 7Page - Ramtron International Corporation FM25V05 Datasheet HTML 8Page - Ramtron International Corporation FM25V05 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FM25V05 - 512Kb SPI FRAM
Rev. 2.0
May 2010
Page 3 of 16
Overview
The FM25V05 is a serial F-RAM memory. The
memory array is logically organized as 65,536 x 8
and is accessed using an industry standard Serial
Peripheral Interface or SPI bus. Functional operation
of the F-RAM is similar to Serial Flash. The major
differences between the FM25V05 and a Serial Flash
with the same pinout are the F-RAM’s superior write
performance, very high endurance, and lower power
consumption.
Memory Architecture
When accessing the FM25V05, the user addresses
64K locations of 8 data bits each. These data bits are
shifted serially. The addresses are accessed using the
SPI protocol, which includes a chip select (to permit
multiple devices on the bus), an op-code, and a two-
byte address. The complete address of 16-bits
specifies each byte address uniquely.
Most functions of the FM25V05 either are controlled
by the SPI interface or are handled automatically by
on-board circuitry. The access time for memory
operation is essentially zero, beyond the time needed
for the serial protocol. That is, the memory is read or
written at the speed of the SPI bus. Unlike Serial
Flash, it is not necessary to poll the device for a ready
condition since writes occur at bus speed. So, by the
time a new bus transaction can be shifted into the
device, a write operation will be complete. This is
explained in more detail in the interface section.
Users expect several obvious system benefits from
the FM25V05 due to its fast write cycle and high
endurance as compared to Serial Flash. In addition
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than Serial Flash
since it is completed quickly. By contrast, Serial
Flash requiring milliseconds to write is vulnerable to
noise during much of the cycle.
Serial Peripheral Interface – SPI Bus
The FM25V05 employs a Serial Peripheral Interface
(SPI) bus. It is specified to operate at speeds up to
40MHz. This high-speed serial bus provides high
performance serial communication to a host
microcontroller. Many common microcontrollers
have hardware SPI ports allowing a direct interface.
It is quite simple to emulate the port using ordinary
port pins for microcontrollers that do not. The
FM25V05 operates in SPI Mode 0 and 3.
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data pins. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
the bus master, the FM25V05 will begin monitoring
the clock and data lines. The relationship between the
falling edge of /S, the clock and data is dictated by
the SPI mode. The device will make a determination
of the SPI mode on the falling edge of each chip
select. While there are four such modes, the
FM25V05 supports only modes 0 and 3. Figure 2
shows the required signal relationships for modes 0
and 3.
For both modes, data is clocked into the
FM25V05 on the rising edge of C and data is
expected on the first rising edge after /S goes active.
If the clock starts from a high state, it will fall prior to
the first data transfer in order to create the first rising
edge.
The SPI protocol is controlled by op-codes. These
op-codes specify the commands to the device. After
/S is activated the first byte transferred from the bus
master is the op-code. Following the op-code, any
addresses and data are then transferred.
Certain op-codes are commands with no subsequent
data transfer. The /S must go inactive after an
operation is complete and before a new op-code can
be issued. There is one valid op-code only per active
chip select.
SPI Mode 0: CPOL=0, CPHA=0
SPI Mode 3: CPOL=1, CPHA=1
Figure 2. SPI Modes 0 & 3


유사한 부품 번호 - FM25V05

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-G CYPRESS-FM25V05-G Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-GTR CYPRESS-FM25V05-GTR Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05-GTR CYPRESS-FM25V05-GTR Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25V05

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
200Kb / 15P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com