전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25V02-DG 데이터시트(PDF) 11 Page - Ramtron International Corporation

부품명 FM25V02-DG
상세설명  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V02-DG 데이터시트(HTML) 11 Page - Ramtron International Corporation

Back Button FM25V02-DG Datasheet HTML 7Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 8Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 9Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 10Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 11Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 12Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 13Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 14Page - Ramtron International Corporation FM25V02-DG Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 2.0
May 2010
Page 11 of 17
Figure 15. Read Serial Number
Endurance
The FM25V02 and FM25VN02 devices are capable
of being accessed at least 1014 times, reads or writes.
An F-RAM memory operates with a read and restore
mechanism. Therefore, an endurance cycle is applied
on a row basis for each access (read or write) to the
memory array. The F-RAM architecture is based on
an array of rows and columns. Rows are defined by
A14-A3 and column addresses by A2-A0. See Block
Diagram (pg 2) which shows the array as 4K rows of
64-bits each. The entire row is internally accessed
once whether a single byte or all eight bytes are read
or written. Each byte in the row is counted only once
in an endurance calculation. The table below shows
endurance calculations for 64-byte repeating loop,
which includes an op-code, a starting address, and a
sequential 64-byte data stream. This causes each byte
to experience one endurance cycle through the loop.
F-RAM read and write endurance is virtually
unlimited even at 40MHz clock rate.
Table 7. Time to Reach 100 Trillion Cycles for Repeating 64-byte Loop
SCK Freq
(MHz)
Endurance
Cycles/sec.
Endurance
Cycles/year
Years to Reach
1014 Cycles
40
74,620
2.35 x 1012
42.6
20
37,310
1.18 x 1012
85.1
10
18,660
5.88 x 1011
170.2
5
9,330
2.94 x 1011
340.3
S
C
D
Q
Byte 7
Byte 6
. . .
C3h
. . . . . . .
Byte 1
Byte 0


유사한 부품 번호 - FM25V02-DG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
FM25V02-DGTR CYPRESS-FM25V02-DGTR Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DGTR CYPRESS-FM25V02-DGTR Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25V02-DG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com