전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1608B 데이터시트(PDF) 10 Page - Ramtron International Corporation

부품명 FM1608B
상세설명  64Kb Bytewide 5V F-RAM Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1608B 데이터시트(HTML) 10 Page - Ramtron International Corporation

Back Button FM1608B Datasheet HTML 3Page - Ramtron International Corporation FM1608B Datasheet HTML 4Page - Ramtron International Corporation FM1608B Datasheet HTML 5Page - Ramtron International Corporation FM1608B Datasheet HTML 6Page - Ramtron International Corporation FM1608B Datasheet HTML 7Page - Ramtron International Corporation FM1608B Datasheet HTML 8Page - Ramtron International Corporation FM1608B Datasheet HTML 9Page - Ramtron International Corporation FM1608B Datasheet HTML 10Page - Ramtron International Corporation FM1608B Datasheet HTML 11Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
FM1608B – 64Kb Bytewide 5V F-RAM
Rev. 1.2
Mar. 2011
Page 10 of 11
28-pin SOIC (JEDEC MS-013 variation AE)
All dimensions in millimeters
Pin 1
7.50 ±0.10
10.30 ±0.30
17.90 ±0.20
0.10
0.30
2.35
2.65
0.33
0.51
1.27 typ
0.10
0.25
0.75
45
°
0.40
1.27
0.23
0.32
0?- 8?
SOIC Package Marking Scheme
Legend:
XXXXXX= part number, P= package type (-SG)
R=rev code, YY=year, WW=work week, LLLLLL= lot code
Example: FM1608B, 70ns speed, “Green”/RoHS SOIC package,
A die rev., Year 2010, Work Week 37, Lot code 00002G
RAMTRON
FM1608B-SG
A103700002G
RAMTRON
XXXXXXX-P
RYYWWLLLLLLL


유사한 부품 번호 - FM1608B

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1608B-SG CYPRESS-FM1608B-SG Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
More results

유사한 설명 - FM1608B

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com