전자부품 데이터시트 검색엔진 |
|
FM25640B 데이터시트(PDF) 6 Page - Ramtron International Corporation |
|
FM25640B 데이터시트(HTML) 6 Page - Ramtron International Corporation |
6 / 13 page FM25640B - 64Kb 5V SPI F-RAM Rev. 1.2 Mar. 2011 6 of 13 RDSR - Read Status Register The RDSR command allows the bus master to verify the contents of the Status register. Reading Status provides information about the current state of the write protection features. Following the RDSR op- code, the FM25640B will return one byte with the contents of the Status register. The Status register is described in detail below. WRSR – Write Status Register The WRSR command allows the user to select certain write protection features by writing a byte to the Status register. Prior to issuing a WRSR command, the /WP pin must be high or inactive. Note that on the FM25640B, /WP only prevents writing to the Status register, not the memory array. Prior to sending the WRSR command, the user must send a WREN command to enable writes. Note that executing a WRSR command is a write operation and therefore clears the Write Enable Latch. The bus configuration of RDSR and WRSR in the timing diagrams below. Figure 7. RDSR Bus Configuration Figure 8. WRSR Bus Configuration Status Register & Write Protection The write protection features of the FM25640B are multi-tiered. First, a WREN op-code must be issued prior to any write operation. Assuming that writes are enabled using WREN, writes to memory are controlled by the Status register. As described above, writes to the status register are performed using the WRSR command and subject to the /WP pin. The Status Register is organized as follows. Table 2. Status Register Bit 7 6 5 4 3 2 1 0 Name WPEN 0 0 0 BP1 BP0 WEL 0 Bits 0 and 4-6 are fixed at 0 and cannot be modified. Note that bit 0 (Ready in EEPROMs) is unnecessary as the F-RAM writes in real-time and is never busy. The WPEN, BP1 and BP0 control write protection features. They are nonvolatile (shaded yellow). The WEL flag indicates the state of the Write Enable Latch. This bit is internally set by the WREN command and is cleared by terminating a write cycle (/CS high) or by using the WRDI command. BP1 and BP0 are memory block write protection bits. They specify portions of memory that are write- protected as shown in the following table. Table 3. Block Memory Write Protection BP1 BP0 Protected Address Range 0 0 None 0 1 1800h to 1FFFh (upper ¼) 1 0 1000h to 1FFFh (upper ½) 1 1 0000h to 1FFFh (all) |
유사한 부품 번호 - FM25640B |
|
유사한 설명 - FM25640B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |