전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25640C-G 데이터시트(PDF) 4 Page - Ramtron International Corporation

부품명 FM25640C-G
상세설명  64Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640C-G 데이터시트(HTML) 4 Page - Ramtron International Corporation

  FM25640C-G Datasheet HTML 1Page - Ramtron International Corporation FM25640C-G Datasheet HTML 2Page - Ramtron International Corporation FM25640C-G Datasheet HTML 3Page - Ramtron International Corporation FM25640C-G Datasheet HTML 4Page - Ramtron International Corporation FM25640C-G Datasheet HTML 5Page - Ramtron International Corporation FM25640C-G Datasheet HTML 6Page - Ramtron International Corporation FM25640C-G Datasheet HTML 7Page - Ramtron International Corporation FM25640C-G Datasheet HTML 8Page - Ramtron International Corporation FM25640C-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FM25640C - 64Kb 5V SPI F-RAM
Rev. 1.1
June 2011
4 of 13
FM25640C
MOSI: Master Out, Slave In
MISO: Master In, Slave Out
SS: Slave Select
SO SI SCK
CS
HOLD
FM25640C
SO SI SCK
CS
HOLD
SPI
Microcontroller
SS1
SS2
HOLD1
HOLD2
MISO
MOSI
SCK
Figure 2. System Configuration with SPI port
Microcontroller
FM25640C
SO SI SCK
CS
HOLD
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


유사한 부품 번호 - FM25640C-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25640-G RAMTRON-FM25640-G Datasheet
187Kb / 13P
   64Kb FRAM Serial Memory
FM25640-GA RAMTRON-FM25640-GA Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
More results

유사한 설명 - FM25640C-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B_13 Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com