전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1844M 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LA1844M
상세설명  For Home Stereo Single-chip Tuner IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1844M 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LA1844M Datasheet HTML 3Page - Sanyo Semicon Device LA1844M Datasheet HTML 4Page - Sanyo Semicon Device LA1844M Datasheet HTML 5Page - Sanyo Semicon Device LA1844M Datasheet HTML 6Page - Sanyo Semicon Device LA1844M Datasheet HTML 7Page - Sanyo Semicon Device LA1844M Datasheet HTML 8Page - Sanyo Semicon Device LA1844M Datasheet HTML 9Page - Sanyo Semicon Device LA1844M Datasheet HTML 10Page - Sanyo Semicon Device LA1844M Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LA1844,LA1844M
No.7930A-8/11
Continued from preceding page.
Pin No.
Function
Pin voltage
(V)
Equivalent circuit
Notes
21
AM RF input
Vreg
Must be used at the same potential as pin 22
22
AFC
Vreg
The FM SD bandwidth can be adjusted with the
external resistor connected between this pin and
pin 3 (REG)
23
OSC
VCC
Connect the oscillator coil between this pin and
pin 9 (VCC)
Note: Impedance of the secondary oscillator coil
must be 5k
Ω or higher.
24
Oscillator buffer
output,
FM SD sensitivity
adjustment
VCC-1.4
The FM SD sensitivity can be adjusted with an
external resistor connected to this pin.
Output impedance RO = 200Ω
Note: Resistance of the external resistor
connected to the pin 24 must be 3.3k
Ω
or higher.


유사한 부품 번호 - LA1844M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results

유사한 설명 - LA1844M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com