전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6242H 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA6242H
상세설명  For CD Player 4-channel Bridge (BTL) Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6242H 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA6242H Datasheet HTML 1Page - Sanyo Semicon Device LA6242H Datasheet HTML 2Page - Sanyo Semicon Device LA6242H Datasheet HTML 3Page - Sanyo Semicon Device LA6242H Datasheet HTML 4Page - Sanyo Semicon Device LA6242H Datasheet HTML 5Page - Sanyo Semicon Device LA6242H Datasheet HTML 6Page - Sanyo Semicon Device LA6242H Datasheet HTML 7Page - Sanyo Semicon Device LA6242H Datasheet HTML 8Page - Sanyo Semicon Device LA6242H Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LA6242H
No.7814-4/9
Block Diagram
1
2
3
4
5
6
7
FR
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VIN1−A
VIN1+A
VCCP1
VO1+
VO1−
VO2+
VO2−
FR
VO3+
VO3−
VO4+
VO4−
VCCP2
VIN4
VIN4G
VIN1
VIN1−B
VIN1+B
SGND
VIN1-SW
MUTE
VREFIN
FR
VCCS
REGOUT
REGIN
VIN2G
VIN2
VIN3G
VIN3
+
22K
22K
66K
+
22K
22K
66K
+
22K
22K
66K
+
22K
22K
66K
+
+
22K
22K
66K
+
22K
22K
66K
+
22K
22K
66K
+
22K
22K
66K
+
+
11K
11K
+
11K
11K
FR
+
11K
11K
+
11K
11K
+
MUTE
+
(VCC)
Signal
GND
Power
GND
Power
GND
Signal
Power supply
VIN1-SW
"H": OP-AMP_A
"L": OP-AMP_B
"H"
"L"
ON/OFF of all output
H: ON
L: OFF
REGIN
REGOUT


유사한 부품 번호 - LA6242H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H Datasheet
544Kb / 9P
   Four-Channel Bridge Driver for CD Player
More results

유사한 설명 - LA6242H

제조업체부품명데이터시트상세설명
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
   4ch BTL driver for CD player
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
   4ch BTL driver for CD player
logo
Minilogic Device Corpor...
ML5954 MINILOGIC-ML5954 Datasheet
562Kb / 6P
   ML5954 4-channel BTL driver for CD-ROM Driver & DVD Player
logo
Sanyo Semicon Device
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6242H SANYO-LA6242H Datasheet
544Kb / 9P
   Four-Channel Bridge Driver for CD Player
logo
Rohm
BA6998FP ROHM-BA6998FP Datasheet
167Kb / 7P
   4-channel BTL driver for CD
logo
Sanyo Semicon Device
LA6245P SANYO-LA6245P Datasheet
313Kb / 10P
   Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com