전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6339 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA6339
상세설명  High-Performance Quad Comparator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6339 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA6339_08 Datasheet HTML 1Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 2Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 3Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 4Page - Sanyo Semicon Device LA6339_08 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA6339
No.994-2/5
Electrical Characteristics at Ta = 25
°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
Test
Circuit
min
typ
max
Unit
Input offset voltage
VIO
1
±2
±5
mV
Input offset current
IIO
2
±5
±50
nA
Input bias current
IB
3
25
250
nA
Common-mode input voltage
VICM
0
VCC−1.5
V
Current drain
ICC
RL = ∞
4
0.8
2
mA
Voltage gain
VG
RL = 15kΩ
5
200
V/mV
Response time
VRL = 5V, RL = 5.1kΩ
6
1.3
µs
Output sink current
ISINK
VIN− = 1V, VIN+ = 0V, VO ≤ 1.5V
7
6
16
mA
Output saturation voltage
VOL
VIN− = 1V, VIN+ = 0V, ISINK ≤ 3mA
8
0.2
0.4
V
Output leakage current
ILEAK
VIN− = 0V, VIN+ = 1V, VO = 5V
9
0.1
nA
Package Dimensions
unit : mm (typ)
3003B
Equivalent Circuit (1 unit)
Pin Assignment


유사한 부품 번호 - LA6339_08

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6339M SANYO-LA6339M Datasheet
83Kb / 4P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M Datasheet
207Kb / 5P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
   High-Performance Quad Comparator
More results

유사한 설명 - LA6339_08

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
   High-Performance Quad Comparator
LA6339M SANYO-LA6339M Datasheet
83Kb / 4P
   High-Performance Quad Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
   High-Performance Dual Comparator
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com